Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6CWQ10FN Datasheet(PDF) 2 Page - International Rectifier

Part # 6CWQ10FN
Description  SCHOTTKY RECTIFIER 7 Amp
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

6CWQ10FN Datasheet(HTML) 2 Page - International Rectifier

  6CWQ10FN Datasheet HTML 1Page - International Rectifier 6CWQ10FN Datasheet HTML 2Page - International Rectifier 6CWQ10FN Datasheet HTML 3Page - International Rectifier 6CWQ10FN Datasheet HTML 4Page - International Rectifier 6CWQ10FN Datasheet HTML 5Page - International Rectifier 6CWQ10FN Datasheet HTML 6Page - International Rectifier 6CWQ10FN Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
6CWQ10FNPbF
2
Bulletin PD-21059 rev. B 07/06
www.irf.com
V
FM
Max. Forward Voltage Drop
0.81
V
@ 3A
(Per Leg) * See Fig. 1
(1)
0.96
V
@ 6A
0.63
V
@ 3A
0.74
V
@ 6A
I
RM
Max. Reverse Leakage Current
1
mA
T
J = 25 °C
(Per Leg) * See Fig. 2
(1)
4.9
mA
T
J = 125 °C
VF(TO) Threshold Voltage
0.48
V
T
J = TJ max.
rt
Forward Slope Resistance
30.89
m
Ω
CT
Typ. Junction Capacitance (Per Leg)
92
pF
VR = 5VDC (test signal range 100Khz to 1Mhz) 25°C
L
S
Typical Series Inductance (Per Leg)
5.0
nH
Measured lead to lead 5mm from package body
dv/dt Max. Voltage Rate of Change
10000
V/μs (Rated V
R)
TJ
Max. Junction Temperature Range (*) -40 to 150
°C
Tstg
Max. Storage Temperature Range
-40 to 150
°C
R
thJC Max. Thermal Resistance (Per Leg)
4.70
°C/W DC operation
* See Fig. 4
Junction to Case
(PerDevice)
2.35
wt
Approximate Weight
0.3 (0.01) g (oz.)
Case Style
D-Pak
Similar to TO-252AA
Marking Device
6CWQ10FN
Thermal-Mechanical Specifications
T
J = 25 °C
T
J = 125 °C
Electrical Specifications
(1) Pulse Width < 300μs, Duty Cycle <2%
V
R = rated VR
Part number
6CWQ10FNPbF
V
R
Max. DC Reverse Voltage (V)
V
RWM Max. Working Peak Reverse Voltage (V)
Voltage Ratings
100
Parameters
6CWQ... Units
Conditions
Parameters
6CWQ... Units
Conditions
I
F(AV) Max. Average Forward (Per Leg)
3.5
A
50% duty cycle @ T
C = 135°C, rectangular wave form
Current * See Fig. 5 (Per Device)
7
I
FSM
Max.PeakOneCycleNon-Repetitive
440
5μs Sine or 3μs Rect. pulse
SurgeCurrent (PerLeg) *SeeFig.7
70
10ms Sine or 6ms Rect. pulse
E
AS
Non-Repetit.Avalanche Energy(PerLeg)
5.0
mJ
T
J = 25 °C, IAS = 1 Amp, L = 10 mH
I
AR
Repetitive Avalanche Current
0.5
A
Current decaying linearly to zero in 1 μsec
(Per Leg)
Frequency limited by T
J max. VA = 1.5 x VR typical
Absolute Maximum Ratings
Following any rated
load condition and with
rated VRRM applied
A
Parameters
6CWQ... Units
Conditions
<
thermal runaway condition for a diode on its own heatsink
(*) dPtot
1
dTj
Rth( j-a)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com