Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9633DP2 Datasheet(PDF) 33 Page - NXP Semiconductors

Part # PCA9633DP2
Description  4-bit Fm I2C-bus LED driver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9633DP2 Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button PCA9633DP2 Datasheet HTML 29Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 30Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 31Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 32Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 33Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 34Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 35Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 36Page - NXP Semiconductors PCA9633DP2 Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
PCA9633_3
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 03 — 20 December 2006
33 of 42
NXP Semiconductors
PCA9633
4-bit Fm+ I2C-bus LED driver
Fig 28. Package outline SOT552-1 (TSSOP10)
UNIT
A1
A
max.
A2
A3
bp
L
HE
Lp
wy
v
ce
D(1)
E(2)
Z(1)
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.15
0.05
0.95
0.80
0.30
0.15
0.23
0.15
3.1
2.9
3.1
2.9
0.5
5.0
4.8
0.67
0.34
6
°
0
°
0.1
0.1
0.1
0.95
DIMENSIONS (mm are the original dimensions)
Notes
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
2. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
0.7
0.4
SOT552-1
99-07-29
03-02-18
w M
bp
D
Z
e
0.25
15
10
6
θ
A
A2
A1
Lp
(A3)
detail X
L
HE
E
c
v M A
X
A
y
2.5
5 mm
0
scale
TSSOP10: plastic thin shrink small outline package; 10 leads; body width 3 mm
SOT552-1
1.1
pin 1 index



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com