Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2906824 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 2906824
Description  TTC-6P-1X2-M-EX-24DC-UT-I - Surge protection device
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2906824 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  2906824 Datasheet HTML 1Page - PHOENIX CONTACT 2906824 Datasheet HTML 2Page - PHOENIX CONTACT 2906824 Datasheet HTML 3Page - PHOENIX CONTACT 2906824 Datasheet HTML 4Page - PHOENIX CONTACT 2906824 Datasheet HTML 5Page - PHOENIX CONTACT 2906824 Datasheet HTML 6Page - PHOENIX CONTACT 2906824 Datasheet HTML 7Page - PHOENIX CONTACT 2906824 Datasheet HTML 8Page - PHOENIX CONTACT 2906824 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Width
6.2 mm +0.1 mm
Height
105.8 mm
Depth
100 mm (incl. DIN rail 7.5 mm)
Material specifications
Color
blue (RAL 5015)
Flammability rating according to UL 94
V-0
Insulating material
PBT
Housing material
PBT
Mechanical properties
Mechanical data
Open side panel
No
Protective circuit
Direction of action
Line-Line & Line-Signal Ground/Shield & optional Signal
Ground/Shield-Earth Ground
Maximum continuous voltage UC
30 V DC
Rated current
600 mA (40 °C)
Operating effective current IC at UC
≤ 5 µA
Residual current IPE
≤ 1 µA
Nominal discharge current In (8/20) µs (line-line)
5 kA
Nominal discharge current In (8/20) µs (line-ground)
5 kA
Pulse discharge current Iimp (10/350) µs (line-line)
0.5 kA
Pulse discharge current Iimp (10/350) µs (line-earth)
0.5 kA
Total discharge current Itotal (8/20) µs
10 kA
≤ 55 V (C1 - 1 kV / 500 A)
≤ 65 V (C2 - 10 kV / 5 kA)
Voltage protection level Up (line-line)
≤ 55 V (C3 - 100 A)
≤ 900 V (C1 - 1 kV / 500 A)
≤ 1.05 kV (C2 - 10 kV / 5 kA)
Voltage protection level Up (line-earth)
≤ 1.4 kV (C3 - 100 A)
≤ 50 V (C1 - 1 kV / 500 A)
Voltage protection level Up static (line-line)
≤ 65 V (C2 - 10 kV / 5 kA)
≤ 900 V (C1 - 1 kV / 500 A)
Voltage protection level Up static (line-earth)
≤ 1.05 kV (C2 - 10 kV / 5 kA)
Response time tA (line-line)
≤ 1 ns
Response time tA (line-earth)
≤ 100 ns
Input attenuation aE, sym.
typ. 0.3 dB (≤ 250 kHz / 150 Ω)
Cut-off frequency fg (3 dB), sym. in 150 Ω system
typ. 940 kHz
Capacity (Core-Core)
typ. 2 nF
Resistance per path
1.65 Ω ±20 %
Surge protection fault message
optical
Max. required back-up fuse
630 mA (FF)
TTC-6P-1X2-M-EX-24DC-UT-I - Surge protection
device
2906824
https://www.phoenixcontact.com/us/products/2906824
Apr 2, 2025, 8:04 AM
Page 3 (10)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com