Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP88CS38NG Datasheet(PDF) 23 Page - Toshiba Semiconductor

Part # TMP88CS38NG
Description  8-bit single chip microcomputer
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38NG Datasheet(HTML) 23 Page - Toshiba Semiconductor

Back Button TMP88CS38NG Datasheet HTML 19Page - Toshiba Semiconductor TMP88CS38NG Datasheet HTML 20Page - Toshiba Semiconductor TMP88CS38NG Datasheet HTML 21Page - Toshiba Semiconductor TMP88CS38NG Datasheet HTML 22Page - Toshiba Semiconductor TMP88CS38NG Datasheet HTML 23Page - Toshiba Semiconductor TMP88CS38NG Datasheet HTML 24Page - Toshiba Semiconductor TMP88CS38NG Datasheet HTML 25Page - Toshiba Semiconductor TMP88CS38NG Datasheet HTML 26Page - Toshiba Semiconductor TMP88CS38NG Datasheet HTML 27Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 226 page
background image
TMP88CS38/CM38A/CP38A
2007-09-12
88CS38-23
Interrupt latches (IL) that hold the interrupt requests are provided for interrupt sources.
Each interrupt vector is independent.
The interrupt latch is set to “1” when an interrupt request is generated, and requests the
CPU to accept the interrupt. The acceptance of maskable interrupts can be selectively enabled
and disabled by program using the interrupt master enable flag (IMF) and the individual
interrupt enable flags (EF). When two or more interrupts are generated simultaneously, the
interrupt is accepted in the highest priority order as determined by the hardware. Figure 1.5.1
shows the interrupt controller.
(1) Interrupt latches (IL31 to IL2)
Interrupt latches are provided for each source, except for a software interrupt. The latch
is set to “1” when an interrupt request is generated, and requests the CPU to accept the
interrupt. The latch is cleared to “0” just after the interrupt is accepted. All interrupt
latches are initialized to “0” during reset.
The interrupt latches are assigned to addresses 0003CH, 0003DH, 0002EH and 0002FH
in the SFR. Except for IL2, each latch can be cleared to “0” individually by an instruction ;
however, the read-modify-write instruction such as bit manipulation or operation
instructions cannot be used. When interrupt occurred during order execution, the reason is
because interrupt request is cleared. Thus, interrupt requests can be canceled and
initialized by the program. Note that request the interrupt latches cannot be set to “1” by
an instruction. For example, it may be that each latch is cleared even if an interrupt
request is generated during instruction exection.
The contents of interrupt latches can be read out by an instruction. Therefore, testing
interrupt request by software is possible.
Example 1: Clears interrupt latches
DI
;
Disable interrupt
LDW
(ILL), 1110100000111111B
;
IL12, IL10 to IL6 ← 0
Example 2: Reads interrupt latches
LD
WA, (ILL)
;
W
← ILH, A ← ILL
Example 3: Tests an interrupt latch
TEST
(ILL). 7
;
if IL7 = 1 then jump
JR
F, SSET
(2) Interrupt enable register (EIR)
The interrupt enable register (EIR) enables and disables the acceptance of interrupts,
except for the pseudo non-maskable interrupts (Software and watchdog timer interrupts).
Pseudo non-maskable interrupts are accepted regardless of the contents of the EIR;
however, the pseudo non-maskable interrupt cannot be nested more than once at the same
time.
The EIR consists of an interrupt master enable flag (IMF) and the individual interrupt
enable flags (EF). These registers are assigned to addresses 0003AH, 0003BH, 0002CH and
0002DH in the SFR, and can be read and written by an instruction (including
read-modify-write instruction such as bit manipulation instructions).
Note:
Do not use the read-modify-write instruction for the EIRL (Address 0003AH) during
pseudo non-maskable interrupt service task. If the read-modify-write instruction is used,
the IMF is not set to “1” after RETN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com