Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4643 Datasheet(PDF) 1 Page - Analog Devices

Part # LTM4643
Description  Quad 40VIN, 3A Silent Switcher μModule Regulator with Package-Level EMI Shield
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4643 Datasheet(HTML) 1 Page - Analog Devices

  LTM4643 Datasheet HTML 1Page - Analog Devices LTM4643 Datasheet HTML 2Page - Analog Devices LTM4643 Datasheet HTML 3Page - Analog Devices LTM4643 Datasheet HTML 4Page - Analog Devices LTM4643 Datasheet HTML 5Page - Analog Devices LTM4643 Datasheet HTML 6Page - Analog Devices LTM4643 Datasheet HTML 7Page - Analog Devices LTM4643 Datasheet HTML 8Page - Analog Devices LTM4643 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
Data Sheet
LTM8060F
Quad 40VIN, 3A Silent Switcher μModule Regulator with Package-Level EMI Shield
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
One Analog Wa y, Wilmington, MA 01887 - 2356, U.S.A.
T el: 781.329.4700
© 2024 Analog D evic es, Inc. Al l rig hts r eser ved.
FEATURES
Package-Level EMI Shielding
Minimize Near-Field Electric Field Noise
Reduce Near-Field Magnetic Field Noise
Pin-to-Pin Compatible with the LTM8060
Four Complete 3A (4A peak) Step-Down Switching
Power Supplies
Low Noise Silent Switcher Architecture
Compliant with CISPR22 Class B/CISPR25 Class 5
Wide Input Voltage Range: 3V to 40V
Wide Output Voltage Range: 0.8V to 8V
4A Continuous Output Current per Channel at 12VIN,
3.3VOUT, fSW = 2MHz, TA = 60°C
Multiphase or Multi-module Parallelable for
Increased Output Current
Low Thermal Resistance, θJA = 8.4°C/W,
θJCtop = 4.6°C/W, θJCbot = 1°C/W
Selectable Switching Frequency: 200kHz to 3MHz
Available in a Compact 165-Pin, 16mm × 11.9mm ×
2.9mm, Pre-Soldered Grid Array (PSGA) Package
APPLICATIONS
Automated Test Equipment
Industrial Supplies
Medical Equipment
GENERAL DESCRIPTION
The LTM8060F is a quad 40VIN, 3A (4A peak) step-down
Silent Switcher® power μModule® (micromodule)
regulator with package-level Electromagnetic
interference (EMI) shield. The package-level EMI shield
enables the Faraday cage to be applied directly to the
LTM8060F package, and the EMI shield is electrically
connected to the GND pins, providing a compact and
effective near-field EMI reduction. The EMI shield
eliminates all electric field noise, and a 10dB reduction
is achieved on magnetic field noise. The Silent Switcher
architecture minimizes EMI while delivering
high efficiency.
Included in the package are the controllers, the
power switches, the inductors, and the support
components. Operating over a wide input voltage
range, the LTM8060F supports output voltages
from 0.8V to 8V and a switching frequency range of
200kHz to 3MHz, each set by a single resistor. Only
the bulk input and the output filter capacitors are
needed to finish the design. The LTM8060F outputs can
be paralleled in an array for up to 12A (16A peak)
capability (see Figure 1).
Figure 1. Configurable Output Array
The LTM8060F is packaged in a compact, 165-pin,
16mm × 11.9mm × 2.9mm, pre-soldered grid array
(PSGA) package suitable for automated assembly by
standard surface mount equipment. The LTM8060F is a
pin-to-pin compatible with the LTM8060. The
LTM8060F is RoHS-compliant.
3A, 4A PK
3A, 4A PK
6A, 8A PK
6A, 8A PK
3A, 4A PK
3A, 4A PK
3A, 4A PK
3A, 4A PK
6A, 8A PK
9A, 12A PK
12A, 16A PK
3A, 4A PK


Similar Part No. - LTM4643

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4643 LINER-LTM4643 Datasheet
567Kb / 32P
Ultrathin Quad 關Module Regulator with Configurable 3A Output Array
LTM4643 LINER-LTM4643 Datasheet
646Kb / 20P
15V, 4A Step-Up 關Module Regulator
logo
Analog Devices
LTM4643 AD-LTM4643 Datasheet
2Mb / 28P
Quad 40VIN Silent Switcher 關Module Regulator with Configurable 1.2A Output Array
LTM4643 AD-LTM4643 Datasheet
1Mb / 28P
20VIN, 8A Step-Down DC/DC 關Module Regulator
03/21-REV.A
LTM4643 AD-LTM4643 Datasheet
2Mb / 28P
Quad 40VIN, Silent Switcher 關Module Regulator with Configurable 3A Output Array
More results

Similar Description - LTM4643

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8003 LINER-LTM8003 Datasheet
401Kb / 30P
40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
LTM8053 LINER-LTM8053 Datasheet
376Kb / 28P
40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
LTM8063 LINER-LTM8063 Datasheet
1Mb / 24P
40VIN, 2A Silent Switcher 關Module Regulator
LTM8065 LINER-LTM8065 Datasheet
1Mb / 26P
40VIN, 2.5A Silent Switcher 關Module Regulator
LTM8073 LINER-LTM8073 Datasheet
1Mb / 26P
60VIN, 3A Silent Switcher 關Module Regulator
logo
Analog Devices
LTM8051 AD-LTM8051 Datasheet
2Mb / 28P
Quad 40VIN Silent Switcher 關Module Regulator with Configurable 1.2A Output Array
LTM8060 AD-LTM8060 Datasheet
2Mb / 28P
Quad 40VIN, Silent Switcher 關Module Regulator with Configurable 3A Output Array
LT8350 AD-LT8350 Datasheet
1Mb / 24P
40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher
Rev. 0
EVAL-LT8350-AZ AD-EVAL-LT8350-AZ Datasheet
1Mb / 10P
40VIN, 18VOUT, 6A Synchronous Buck‑Boost Silent Switcher®
Rev. 0
LTM4710-1 AD-LTM4710-1 Datasheet
3Mb / 24P
Low VIN, Quad 8A Silent Switcher μModule Regulator
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com