Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2906829 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 2906829
Description  TTC-6-TVSD-C-12DC-UT-I - Surge protection device
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2906829 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  2906829 Datasheet HTML 1Page - PHOENIX CONTACT 2906829 Datasheet HTML 2Page - PHOENIX CONTACT 2906829 Datasheet HTML 3Page - PHOENIX CONTACT 2906829 Datasheet HTML 4Page - PHOENIX CONTACT 2906829 Datasheet HTML 5Page - PHOENIX CONTACT 2906829 Datasheet HTML 6Page - PHOENIX CONTACT 2906829 Datasheet HTML 7Page - PHOENIX CONTACT 2906829 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Protective circuit
Direction of action
Line-Earth Ground
15 V DC
Maximum continuous voltage UC
10 V AC
Rated current
10 A (60 °C)
Operating effective current IC at UC
≤ 5 µA
Residual current IPE
≤ 5 µA
Nominal discharge current In (8/20) µs (line-ground)
300 A
≤ 25 V (C1 - 0,6 kV / 300 A)
≤ 22 V (C3 - 25 A)
Voltage protection level Up (line-earth)
≤ 25 V (C3 - 60 A)
Response time tA (line-earth)
≤ 1 ns
Input attenuation aE, asym.
typ. 0.3 dB (≤ 340 kHz/150 Ω)
Cut-off frequency fg (3 dB), asym. (PE) in 150 Ω system
typ. 1.1 MHz
Capacity (Core-Earth)
2 nF
Resistance per path
≤ 100 mΩ
Surge protection fault message
optical
C1 - 0.6 kV/300 A
Impulse durability (line-earth)
C3 - 60 A
Environmental and real-life conditions
Ambient conditions
Degree of protection
IP20 (with end cover)
Ambient temperature (operation)
-40 °C ... 85 °C
Ambient temperature (storage/transport)
-40 °C ... 85 °C
Altitude
≤ 4000 m (amsl)
Permissible humidity (operation)
5 % ... 95 %
Standards and regulations
Standards/specifications
IEC 61643-21
Note
2000 + corrigendum 2001 + A1:2008, modified + A2:2012
EN 61643-21
Standards/specifications
EN 61643-21
Note
2001 + A1:2009 + A2:2013
Mounting
Mounting type
DIN rail: 35 mm
TTC-6-TVSD-C-12DC-UT-I - Surge protection device
2906829
https://www.phoenixcontact.com/us/products/2906829
Apr 3, 2025, 8:24 AM
Page 3 (8)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com