Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

201K Datasheet(PDF) 12 Page - TYEE Products Inc

Part # 201K
Description  Varistor Specification
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TYEE [TYEE Products Inc]
Direct Link  http://www.tyeeusa.com/
Logo TYEE - TYEE Products Inc

201K Datasheet(HTML) 12 Page - TYEE Products Inc

Back Button 201K Datasheet HTML 7Page - TYEE Products Inc 201K Datasheet HTML 8Page - TYEE Products Inc 201K Datasheet HTML 9Page - TYEE Products Inc 201K Datasheet HTML 10Page - TYEE Products Inc 201K Datasheet HTML 11Page - TYEE Products Inc 201K Datasheet HTML 12Page - TYEE Products Inc 201K Datasheet HTML 13Page - TYEE Products Inc 201K Datasheet HTML 14Page - TYEE Products Inc 201K Datasheet HTML 15Page - TYEE Products Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
1.Standard
Packing Bag
unit:cm
Inner box dimension
05D to 10D Series
10.5
14D to 20D Series
19.5
Label
Carton Dimensions (Height 21.5cm)
Part No.
Inspected by
Quantity
Lot No.
2.Flat box
3.Tape & Reel
Symbol
Symbol
AW
BD
CA
unit:mm
B
unit:mm
ψ90
05D~07D
10D~14D
55
45
L
Packing Information
350max
ψ30
05D~10D
340 max
55max
330max
20.3
18
L
44
26
TYEE Products Inc.
http://www.tyeeusa.com/
Page:12/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com