Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP86PM74AFG Datasheet(PDF) 49 Page - Toshiba Semiconductor

Part # TMP86PM74AFG
Description  8 Bit Microcontroller
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86PM74AFG Datasheet(HTML) 49 Page - Toshiba Semiconductor

Back Button TMP86PM74AFG Datasheet HTML 45Page - Toshiba Semiconductor TMP86PM74AFG Datasheet HTML 46Page - Toshiba Semiconductor TMP86PM74AFG Datasheet HTML 47Page - Toshiba Semiconductor TMP86PM74AFG Datasheet HTML 48Page - Toshiba Semiconductor TMP86PM74AFG Datasheet HTML 49Page - Toshiba Semiconductor TMP86PM74AFG Datasheet HTML 50Page - Toshiba Semiconductor TMP86PM74AFG Datasheet HTML 51Page - Toshiba Semiconductor TMP86PM74AFG Datasheet HTML 52Page - Toshiba Semiconductor TMP86PM74AFG Datasheet HTML 53Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 190 page
background image
Page 39
TMP86PM74AFG
3.3
Interrupt Source Selector (INTSEL)
Each interrupt source that shares the interrupt source level with another interrupt source is allowed to enable the
interrupt latch only when it is selected in the INTSEL register. The interrupt controller does not hold interrupt
requests corresponding to interrupt sources that are not selected in the INTSEL register. Therefore, the INTSEL reg-
ister must be set appropriately before interrupt requests are generated.
The following interrupt sources share their interrupt source level; the source is selected onnthe register INTSEL.
1. INTADC and INT2 share the interrupt source level whose priority is 16.
3.4
Interrupt Sequence
An interrupt request, which raised interrupt latch, is held, until interrupt is accepted or interrupt latch is cleared to
“0” by resetting or an instruction. Interrupt acceptance sequence requires 8 machine cycles (2
µs @16 MHz) after the
completion of the current instruction. The interrupt service task terminates upon execution of an interrupt return
instruction [RETI] (for maskable interrupts) or [RETN] (for non-maskable interrupts). Figure 3-1 shows the timing
chart of interrupt acceptance processing.
3.4.1
Interrupt acceptance processing is packaged as follows.
a. The interrupt master enable flag (IMF) is cleared to “0” in order to disable the acceptance of any fol-
lowing interrupt.
b. The interrupt latch (IL) for the interrupt source accepted is cleared to “0”.
c. The contents of the program counter (PC) and the program status word, including the interrupt master
enable flag (IMF), are saved (Pushed) on the stack in sequence of PSW + IMF, PCH, PCL. Mean-
while, the stack pointer (SP) is decremented by 3.
d. The entry address (Interrupt vector) of the corresponding interrupt service program, loaded on the vec-
tor table, is transferred to the program counter.
e. The instruction stored at the entry address of the interrupt service program is executed.
Note:When the contents of PSW are saved on the stack, the contents of IMF are also saved.
Interrupt source selector
INTSEL
(003EH)
76543
210
-----
--
IL15ER
(Initial value: **** ***0)
IL15ER
Selects INTADC or INT2
0: INTADC
1: INT2
R/W
a
b
a
c + 1
Execute
instruction
SP
PC
Execute
instruction
n
n
− 2
n - 3
n
− 2n − 1
n
− 1
n
a + 2
a + 1
c + 2
b + 3
b + 2
b + 1
a + 1
a
a
− 1
Execute RETI instruction
Interrupt acceptance
Execute
instruction
Interrupt service task
1-machine cycle
Interrupt
request
Interrupt
latch (IL)
IMF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com