Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP86FS49BUG Datasheet(PDF) 184 Page - Toshiba Semiconductor

Part # TMP86FS49BUG
Description  8 Bit Microcontroller
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49BUG Datasheet(HTML) 184 Page - Toshiba Semiconductor

Back Button TMP86FS49BUG Datasheet HTML 180Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 181Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 182Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 183Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 184Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 185Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 186Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 187Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 188Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 294 page
background image
Page 168
14. Synchronous Serial Interface (SIO1)
14.3 Function
TMP86FS49BUG
Figure 14-9 Example of Transmit Error Processingme
14.3.3.2 Receive mode
The receive mode is selected by writing “01B” to SIO1CR<SIOM>.
(1) Starting the receive operation
Receive mode is selected by setting “01” to SIO1CR<SIOM>. Serial clock is selected by using
SIO1CR<SCK>. Transfer direction is selected by using SIO1CR<SIODIR>.
After SIO1CR<SIOS> is set to “1”, SIO1SR<SIOF> is set synchronously to “1” the falling edge of
SCK1
pin.
Synchronizing with the SCK1 pin's rising edge, the data is received sequentially from SI1 pin with
the direction of the bit specified by SBI1DIR<SIODIR>.
SIO1SR<SEF> is kept in high level, between the first clock falling edge of SCK1 pin and eighth
clock falling edge.
When 8-bit data is received, the data is transferred to SIO1RDB from shift register. INTSIO1 inter-
rupt request is generated and SIO1SR<RXF> is set to “1”
Note: In internal clock operation, when the SIO1CR<SIOS> is set to "1", the serial clock is generated
from SCK1 pin after maximum 1-cycle of serial clock frequency.
(2) During the receive operation
The SIO1SR<RXF> is cleared to “0” by reading a data from SIO1RDB.
In the internal clock operation, the serial clock stops to “H” level by an automatic-wait function
when the all of the 8-bit data has been received. Automatic-wait function is released by reading a
received data from SIO1RDB. Then, receive operation is restarted after maximum 1-cycle of serial
clock.
In external clock operation, after SIO1SR<RXF> is set to “1”, the received data must be read from
SIO1RDB, before the next data shift-in operation is finished.
Writing transmit
data B
Writing transmit
data A
Unknown
B
A7 A6
A
A5 A4 A3 A2 A1 A0 B7 B6 B5 B4 B3 B2 B1 B0
Start shift
operation
Start shift
operation
Start shift
operation
SIO1CR<SIOS>
SIO1SR<SIOF>
SIO1SR<SEF>
SCK1
pin
SO1 pin
SIO1SR<TXF>
SIO1SR<TXERR>
INTSIO1
interrupt
request
SIO1TDB
SIO1CR
<SIOINH>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com