Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP86FS49BUG Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TMP86FS49BUG
Description  8 Bit Microcontroller
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49BUG Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TMP86FS49BUG Datasheet HTML 1Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 2Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 3Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 4Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 5Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 6Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 7Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 8Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 294 page
background image
TMP86FS49BUG
Differences among Products
Differences in Functions
Note 1: The products with Flash memory (86FS49, 86FS49A, 86FS49B) contain the Flash control register (FLSCR) at 0FFFH in
the DBR area. The products with mask ROM or OTP and the emulation chip do not have the FLSCR register. In these
devices, therefore, a program that accesses the FLSCR register cannot function properly (executes differently as in the
case of a Flash product).
Note 2: In this data sheet,the following pin names and register names have been changed from the data sheet of the old edition.
Although the names have been changed, their functions remain the same.
86CH49
86CM49
86PM49
86CS49
86FS49
86FS49A
86FS49B
ROM
16 Kbytes
(Mask)
32 Kbytes
(Mask)
32 Kbytes
(OTP)
60 Kbytes
(Mask)
60 Kbytes
(Flash)
RAM
512 bytes
1 Kbyte
1 Kbyte
2 Kbytes
2 Kbytes
DBR(note1)
128 bytes
(Flash control register not contained)
128 bytes
(Flash control register contained)
I/O
56 pins
High-current port
13 pins (sink open drain)
Interrupt
External: 5 interrupts, Internal: 19 interrupts
Timer/counter
16-bit: 2 channels
8-bit: 4 channels
UART
2 channels
SIO
2 channels
I2C
1 channel
Key-on wake-up
4 channels
10-bit AD converter
(note2)
16 channels
Flash Security
N.A.
Read protect
Read/Write
protect
Structurer of
TEST pin
Absolute Maximum
Rating of Power
supply(VDD)
6.5V
6.0V
Emulation chip
TMP86C949XB
Package
QFP64-
P-1414-
0.80A
QFP64-P-1414-0.80A
LQFP64-P-1010-0.50D
SDIP64-P-750-1.78
QFP64-P-1414-0.80A
LQFP64-P-1010-0.50D
–
VDD
RIN
R
R
without pull
down resister
without protect diode
on the VDD side
VDD
RIN
R
R
without pull
down resister
without protect diode
on the VDD side
R
VDD
without pull
down resister
R
without pull
down resister
without protect diode
on the VDD side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com