Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP86FS49BUG Datasheet(PDF) 195 Page - Toshiba Semiconductor

Part # TMP86FS49BUG
Description  8 Bit Microcontroller
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49BUG Datasheet(HTML) 195 Page - Toshiba Semiconductor

Back Button TMP86FS49BUG Datasheet HTML 191Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 192Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 193Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 194Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 195Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 196Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 197Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 198Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 199Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 294 page
background image
Page 179
TMP86FS49BUG
Note 1: The operation error flag (TXERR and RXERR) are not automatically cleared by stopping transfer with SIO2CR<SIOS>
"0". Therefore, set these bits to "0" for clearing these error flag. Or set SIO2CR<SIOINH> to "1".
Note 2: *: Don't care
Note 1: SIO2TDB is write only register. A bit manipulation should not be performed on the transmit buffer register using a read-
modify-write instruction.
Note 2: The SIO2TDB should be written after checking SIO2SR<TXF> "1". When SIO2SR<TXF> is "0", the writing data can't be
transferred to SIO2TDB even if write instruction is executed to SIO2TDB .
Note 3: *: Don't care
Serial Interface Status Register
SIO2SR
(0032H)
765
43
21
0
SIOF
SEF
TXF
RXF
TXERR
RXERR
(Initial value: 0010 00**)
SIOF
Serial transfer operation status
monitor
0: Transfer finished
1: Transfer in progress
Read
only
SEF
Number of clocks monitor
0: 8 clocks
1: 1 to 7 clocks
TXF
Transmit buffer empty flag
0: Data exists in transmit buffer
1: No data exists in transmit buffer
RXF
Receive buffer full flag
0: No data exists in receive buffer
1: Data exists in receive buffer
TXERR
Transfer operation error flag
Read
0: – (No error exist)
1: Transmit buffer under run occurs in an external clock mode
Write
0: Clear the flag
1: – (A write of "1" to this bit is ignored)
R/W
RXERR
Receive operation error flag
Read
0: – (No error exist)
1: Receive buffer over run occurs in an external clock mode
Write
0: Clear the flag
1: – (A write of "1" to this bit is ignored)
Receive buffer register
SIO2RDB
(002BH)
765
43
21
0
Read only
(Initial value: 0000 0000)
Transmit buffer register
SIO2TDB
(002BH)
765
43
21
0
Write only
(Initial value: **** ****)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com