Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP86CS28FG Datasheet(PDF) 69 Page - Toshiba Semiconductor

Part # TMP86CS28FG
Description  8 Bit Microcontroller
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS28FG Datasheet(HTML) 69 Page - Toshiba Semiconductor

Back Button TMP86CS28FG Datasheet HTML 65Page - Toshiba Semiconductor TMP86CS28FG Datasheet HTML 66Page - Toshiba Semiconductor TMP86CS28FG Datasheet HTML 67Page - Toshiba Semiconductor TMP86CS28FG Datasheet HTML 68Page - Toshiba Semiconductor TMP86CS28FG Datasheet HTML 69Page - Toshiba Semiconductor TMP86CS28FG Datasheet HTML 70Page - Toshiba Semiconductor TMP86CS28FG Datasheet HTML 71Page - Toshiba Semiconductor TMP86CS28FG Datasheet HTML 72Page - Toshiba Semiconductor TMP86CS28FG Datasheet HTML 73Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 230 page
background image
Page 59
TMP86CS28FG
5.4 Port P3 (P30 to P37)
Port P3 is an 8-bit input/output port that can also be used for external interrupt input, divider output, timer/counter
input, serial interface input/output, or UART input/output.
A reset initializes the output latch (P3DR) to “1” and the Pch control (P3OUTCR) to “0”.
To use a pin in Port P3 as an external interrupt input, timer/counter input, serial interface input, or UART input, set
P3DR to “1” and then set the corresponding bit in P3OUTCR to “0”.
To use a pin in Port P3 as a divider output, serial interface output, or UART output, set P3DR to “1”.
Port 3 can be used for either SIO or UART, so be sure not to enable both of these functions at the same time.
The output circuit of Port P3 can be set either as sink open-drain output (“0”) or CMOS output (“1”) individually
for each bit in P3OUTCR.
Port P3 has a separate data input register. The output latch state can be read from the P3DR register, and the pin
state can be read from the P3PRD register.
Figure 5-5 Port P3
Table 5-6 Register Programming for Port P3 (P30 to P37)
Function
Programmed Value
P3DR
P3OUTCR
Port input, external interrupt input, timer/counter
input, serial interface input, UART input
“1”
“0”
Port “0” output
“0”
Set as
appropriate.
Port “1” output, serial interface output, UART
output, divider output
“1”
Data input (P3PRD)
Output latch read (P3DR)
STOP
OUTEN
P3OUTCRi input
Data output (P3DR)
P3OUTCRi
P3i
Note) i = 7~0
Control output
Control input
Output latch
DQ
DQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com