Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP86CS28FG Datasheet(PDF) 101 Page - Toshiba Semiconductor

Part # TMP86CS28FG
Description  8 Bit Microcontroller
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS28FG Datasheet(HTML) 101 Page - Toshiba Semiconductor

Back Button TMP86CS28FG Datasheet HTML 97Page - Toshiba Semiconductor TMP86CS28FG Datasheet HTML 98Page - Toshiba Semiconductor TMP86CS28FG Datasheet HTML 99Page - Toshiba Semiconductor TMP86CS28FG Datasheet HTML 100Page - Toshiba Semiconductor TMP86CS28FG Datasheet HTML 101Page - Toshiba Semiconductor TMP86CS28FG Datasheet HTML 102Page - Toshiba Semiconductor TMP86CS28FG Datasheet HTML 103Page - Toshiba Semiconductor TMP86CS28FG Datasheet HTML 104Page - Toshiba Semiconductor TMP86CS28FG Datasheet HTML 105Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 230 page
background image
Page 91
TMP86CS28FG
8.1.3.5 Pulse Width Measurement Mode
In the pulse width measurement mode, the up-counter starts counting by the input pulse triggering of the
TC10 pin, and counts up at the edge of the internal clock. Either the rising or falling edge of the internal
clock is selected as the trigger edge in TC10CR<TC10S>. Either the single- or double-edge capture is
selected as the trigger edge in TC10CR<MCAP10>.
• When TC10CR<MCAP10> is set to “1” (single-edge capture)
Either high- or low-level input pulse width can be measured. To measure the high-level input
pulse width, set the rising edge to TC10CR<TC10S>. To measure the low-level input pulse
width, set the falling edge to TC10CR<TC10S>.
When detecting the edge opposite to the trigger edge used to start counting after the timer
starts, the up-counter captures the up-counter value into TC10DRB and generates an INTTC10
interrupt request. The up-counter is cleared at this time, and then restarts counting when detect-
ing the trigger edge used to start counting.
• When TC10CR<MCAP10> is set to “0” (double-edge capture)
The cycle starting with either the high- or low-going input pulse can be measured. To mea-
sure the cycle starting with the high-going pulse, set the rising edge to TC10CR<TC10S>. To
measure the cycle starting with the low-going pulse, set the falling edge to TC10CR<TC10S>.
When detecting the edge opposite to the trigger edge used to start counting after the timer
starts, the up-counter captures the up-counter value into TC10DRB and generates an INTTC10
interrupt request. The up-counter continues counting up, and captures the up-counter value into
TC10DRB and generates an INTTC10 interrupt request when detecting the trigger edge used to
start counting. The up-counter is cleared at this time, and then continues counting.
Note 1: The captured value must be read from TC10DRB until the next trigger edge is detected. If not read,
the captured value becomes a don’t care. It is recommended to use a 16-bit access instruction to read
the captured value from TC10DRB.
Note 2: For the single-edge capture, the counter after capturing the value stops at “1” until detecting the next
edge. Therefore, the second captured value is “1” larger than the captured value immediately after
counting starts.
Note 3: The first captured value after the timer starts may be read incorrectively, therefore, ignore the first
captured value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com