Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP86CS49FG Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TMP86CS49FG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS49FG Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TMP86CS49FG Datasheet HTML 1Page - Toshiba Semiconductor TMP86CS49FG Datasheet HTML 2Page - Toshiba Semiconductor TMP86CS49FG Datasheet HTML 3Page - Toshiba Semiconductor TMP86CS49FG Datasheet HTML 4Page - Toshiba Semiconductor TMP86CS49FG Datasheet HTML 5Page - Toshiba Semiconductor TMP86CS49FG Datasheet HTML 6Page - Toshiba Semiconductor TMP86CS49FG Datasheet HTML 7Page - Toshiba Semiconductor TMP86CS49FG Datasheet HTML 8Page - Toshiba Semiconductor TMP86CS49FG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 252 page
background image
TMP86CS49FG
Differences in Electrical Characteristics
Note 1: With the 86CS49, the operating temperature (Topr) is -20
°C to 85 °C when the supply voltage VDD is less than
2.0 V.
Note 2: With the 86FS49, the supply voltage VDD is specified as two separate ranges. While the MCU is operating, do not
change the supply voltage from range (a) to range (b) or from range (b) to range (a).
Note 3: With the 86FS49A, the operating temperature (Topr) is -20
°C to 85 °C when the supply voltage VDD is less than
3.0 V.
Note 4: With the 86FS49A/B, when a program is executing in the Flash memory or when data is being read from the Flash
memory, the Flash memory operates in an intermittent manner causing peak currents in the Flash memory
momentarily, as shown in Figure. In this case, the supply current IDD (in NORMAL1, NORMAL2 and SLOW1
modes) is defined as the sum of the average peak current and MCU current.
5.5
4.5
3.0
3.6
2.7
1.8
1
4.2
8
16
[MHz]
[V]
(a)
5.5
4.5
3.0
3.6
2.7
1.8
1
4.2
8
16
[MHz]
[V]
2.0
(a)
(b)
(Note 1)
5.5
4.5
3.0
3.6
2.7
1.8
1
4.2
8
16
[MHz]
[V]
(b)
(Note 2)
(a)
5.5
4.5
3.0
3.6
2.7
1.8
1
4.2
8
16
(a)
(b)
(Note 3)
[MHz]
[V]
5.5
4.5
3.0
3.6
2.7
1.8
1
4.2
8
16
(a)
[MHz]
[V]
5.5
4.5
3.0
3.6
2.7
1.8
1
4.2
8
16
[MHz]
[V]
(a)
5.5
4.5
3.0
3.6
2.7
1.8
2
4.2
8
16
[MHz]
[V]
(a)
(a) 1.8V to 5.5V (-40 to 85°C)
(a) 2.0V to 5.5V (-40 to 85°C)
(a) 4.5V to 5.5V (-40 to 85°C)
(a) 3.0V to 5.5V (-40 to 85°C)
(a) 2.7V to 5.5V (-40 to 85°C)
(b) 1.8V to 2.0V (-20 to 85°C)
(b) 3.0V to 3.6V (-40 to 85°C)
(b) 2.7V to 3.0V (-20 to 85°C)
86CH49
86CM49
86CS49
86FS49
86FS49A
86FS49B
86PM49
-
-
(a) 4.5V to 5.5V (-10 to 40°C)
-
-
(a) 4.5V to 5.5V (-10 to 40°C)
-
-
-
-
(Note 4)
Operating current varies with each product. For details, refer to the datasheet (electrical characteristics) of each product.
n
Program counter (PC)
n+1
n+2
n+3
1 machine cycle (4/fc or 4/fs)
MCU current
I
[mA]
DDP-P
Typ. current
Momentary Flash current
Max. current
Sum of average momentary
Flash current and MCU current
Intermittent Operation of Flash Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com