Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP86CS49FG Datasheet(PDF) 180 Page - Toshiba Semiconductor

Part # TMP86CS49FG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS49FG Datasheet(HTML) 180 Page - Toshiba Semiconductor

Back Button TMP86CS49FG Datasheet HTML 176Page - Toshiba Semiconductor TMP86CS49FG Datasheet HTML 177Page - Toshiba Semiconductor TMP86CS49FG Datasheet HTML 178Page - Toshiba Semiconductor TMP86CS49FG Datasheet HTML 179Page - Toshiba Semiconductor TMP86CS49FG Datasheet HTML 180Page - Toshiba Semiconductor TMP86CS49FG Datasheet HTML 181Page - Toshiba Semiconductor TMP86CS49FG Datasheet HTML 182Page - Toshiba Semiconductor TMP86CS49FG Datasheet HTML 183Page - Toshiba Semiconductor TMP86CS49FG Datasheet HTML 184Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 252 page
background image
Page 166
14. Synchronous Serial Interface (SIO1)
14.3 Function
TMP86CS49FG
(2) During the transmit operation
When data is written to SIO1TDB, SIO1SR<TXF> is cleared to “0”.
In internal clock operation, in case a next transmit data is not written to SIO1TDB, the serial clock
stops to “H” level by an automatic-wait function when all of the bit set in the SIO1TDB has been
transmitted. Automatic-wait function is released by writing a transmit data to SIO1TDB. Then, trans-
mit operation is restarted after maximum 1-cycle of serial clock.
When the next data is written to the SIO1TDB before termination of previous 8-bit data with
SIO1SR<TXF> “1”, the next data is continuously transferred after transmission of previous data.
In external clock operation, after SIO1SR<TXF> is set to “1”, the transmit data must be written to
SIO1TDB before the shift operation of the next data begins.
If the transmit data is not written to SIO1TDB, transmit error occurs immediately after shift opera-
tion is started. Then, INTSIO1 interrupt request is generated after SIO1SR<TXERR> is set to “1”.
(3) Stopping the transmit operation
There are two ways for stopping transmits operation.
• The way of clearing SIO1CR<SIOS>.
When SIO1CR<SIOS> is cleared to “0”, transmit operation is stopped after all transfer of the
data is finished. When transmit operation is finished, SIO1SR<SIOF> is cleared to “0” and
SO1 pin is kept in high level.
In external clock operation, SIO1CR<SIOS> must be cleared to “0” before SIO1SR<SEF> is
set to “1” by beginning next transfer.
• The way of setting SIO1CR<SIOINH>.
Transmit operation is stopped immediately after SIO1CR<SIOINH> is set to “1”. In this
case, SIO1CR<SIOS>, SIO1SR register, SIO1RDB register and SIO1TDB register are ini-
tialized.
Figure 14-6 Example of Internal Clock and MSB Transmit Mode
A6 A5 A4 A3 A2 A1 A0 B7 B6 B5 B4 B3 B2 B1
C7
A7
B0
C6 C5 C4 C3 C2 C1 C0
A
B
C
Automatic wait
Start shift
operation
Start shift
operation
Start shift
operation
Writing transmit
data B
Writing transmit
data A
Writing transmit
data C
Clearing SIOS
SIO1CR<SIOS>
SIO1SR<SIOF>
SIO1SR<SEF>
SCK1 pin outout
SO1 pin
SIO1SR<TXF>
SIO1TDB
INTSIO1
interrupt
request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com