Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP86CS49FG Datasheet(PDF) 247 Page - Toshiba Semiconductor

Part # TMP86CS49FG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS49FG Datasheet(HTML) 247 Page - Toshiba Semiconductor

Back Button TMP86CS49FG Datasheet HTML 243Page - Toshiba Semiconductor TMP86CS49FG Datasheet HTML 244Page - Toshiba Semiconductor TMP86CS49FG Datasheet HTML 245Page - Toshiba Semiconductor TMP86CS49FG Datasheet HTML 246Page - Toshiba Semiconductor TMP86CS49FG Datasheet HTML 247Page - Toshiba Semiconductor TMP86CS49FG Datasheet HTML 248Page - Toshiba Semiconductor TMP86CS49FG Datasheet HTML 249Page - Toshiba Semiconductor TMP86CS49FG Datasheet HTML 250Page - Toshiba Semiconductor TMP86CS49FG Datasheet HTML 251Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 252 page
background image
Page 233
TMP86CS49FG
20.6 Recommended Oscillating Conditions
Note 1: A quartz resonator can be used for high-frequency oscillation only when VDD is 2.7 V or above. If VDD is below 2.7 V, use
a ceramic resonator.
Note 2: To ensure stable oscillation, the resonator position, load capacitance, etc. must be appropriate. Because these factors are
greatly affected by board patterns, please be sure to evaluate operation on the board on which the device will actually be
mounted.
Note 3: When using the device (oscillator) in places exposed to high electric fields such as cathode-ray tubes, we recommend
electrically shielding the package in order to maintain normal operating condition.
Note 4: The product numbers and specifications of the resonators by Murata Manufacturing Co., Ltd. are subject to change. For
up-to-date information, please refer to the following URL:
http://www.murata.co.jp/
XTIN
XTOUT
(2) Low-frequency Oscillation
XIN
XOUT
C
1
C
2
(1) High-frequency Oscillation
C
1
C
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com