Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP86FS49AIUG Datasheet(PDF) 178 Page - Toshiba Semiconductor

Part # TMP86FS49AIUG
Description  8 Bit Microcontroller
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49AIUG Datasheet(HTML) 178 Page - Toshiba Semiconductor

Back Button TMP86FS49AIUG Datasheet HTML 174Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 175Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 176Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 177Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 178Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 179Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 180Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 181Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 182Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 296 page
background image
Page 162
14. Synchronous Serial Interface (SIO1)
14.3 Function
TMP86FS49AIUG
14.3 Function
14.3.1 Serial clock
14.3.1.1 Clock source
The serial clock can be selected by using SIO1CR<SCK>. When the serial clock is changed, the writing
instruction to SIO1CR<SCK> should be executed while the transfer is stopped (when SIO1SR<SIOF>
“0”)
(1)
Internal clock
Setting the SIO1CR<SCK> to other than “111B” outputs the clock (shown in " Table 14-1 Serial
Clock Rate (fc = 16 MHz, fs = 32.768kHz) ") as serial clock outputs from SCK1 pin. At the before
beginning or finishing of a transfer, SCK1 pin is kept in high level.
When writing (in the transmit mode) or reading (in the receive mode) data can not follow the serial
clock rate, an automatic-wait function is executed to stop the serial clock automatically and hold the
next shift operation until reading or writing is completed (shown in " Figure 14-2 Automatic-wait
Function (Example of transmit mode) "). The maximum time from releasing the automatic-wait
function by reading or writing a data is 1 cycle of the selected serial clock until the serial clock comes
out from SCK1 pin.
Figure 14-2 Automatic-wait Function (Example of transmit mode)
Table 14-1 Serial Clock Rate (fc = 16 MHz, fs = 32.768kHz)
NORMAL1/2, IDLE1/2 Mode
SLOW1/2, SLEEP1/2 Mode
TBTCR<DV7CK> = "0"
TBTCR<DV7CK> = "1"
Serial Clock
Baud Rate
SCK
Serial Clock
Baud Rate
Serial Clock
Baud Rate
000
fc/212
3.906 kbps
fs/24
2048 bps
fs/24
2048 bps
001
fc/28
62.5 kbps
fc/28
62.5 kbps
Reserved
010
fc/27
125 kbps
fc/27
125 kbps
Reserved
011
fc/26
250 kbps
fc/26
250 kbps
Reserved
100
fc/25
500 kbps
fc/25
500 kbps
Reserved
101
fc/24
1.00 Mbps
fc/24
1.00 Mbps
Reserved
110
fc/23
2.00 Mbps
fc/23
2.00 Mbps
Reserved
AB
A0
Automatically wait
A1
B7 B6 B5 B4 B3
A2
A3
A4
A5
A6
A7
B2 B1 B0
SIO1CR<SIOS>
SO1 pin
SIO1TDB
Automatic wait is released by writing SIO1TDB
SCK1
pin output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com