Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K3067 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # K3067
Description  Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

K3067 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  K3067 Datasheet HTML 1Page - Toshiba Semiconductor K3067 Datasheet HTML 2Page - Toshiba Semiconductor K3067 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2SK3067
2006-11-08
1
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (π−MOSV)
2SK3067
Chopper Regulator, DC−DC Converter and Motor Drive
Applications
Low drain−source ON resistance
: RDS (ON) = 4.2 Ω (typ.)
High forward transfer admittance
: |Yfs| = 1.7 S (typ.)
Low leakage current
: IDSS = 100 μA (max) (VDS = 600 V)
Enhancement mode
: Vth = 2.0~4.0 V (VDS = 10 V, ID = 1 mA)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain−source voltage
VDSS
600
V
Drain−gate voltage (RGS = 20 kΩ)
VDGR
600
V
Gate−source voltage
VGSS
±30
V
DC
(Note 1)
ID
2
A
Pulse (t = 1 ms)
(Note 1)
IDP
5
A
Drain current
Pulse (t = 100 μs)
(Note 1)
IDP
8
A
Drain power dissipation
PD
25
W
Single pulse avalanche energy
(Note 2)
EAS
93
mJ
Avalanche current
IAR
2
A
Repetitive avalanche energy (Note 3)
EAR
2.5
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55~150
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate
reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/Derating Concept and
Methods) and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Max
Unit
Thermal reverse, channel to case
Rth (ch−c)
5.0
°C / W
Thermal reverse, channel to ambient
Rth (ch−a)
62.5
°C / W
Note 1: Ensure that the channel temperature does not exceed 150°C.
Note 2: VDD = 90 V, Tch = 25°C (initial), L = 41 mH, RG = 25 Ω, IAR = 2 A
Note 3: Repetitive rating: pulse width limited by maximum channel temperature.
This transistor is an electrostatic-sensitive device. Please handle with caution.
Unit: mm
JEDEC
—
JEITA
SC-67
TOSHIBA
2-10R1B
Weight: 1.9 g (typ.)


Similar Part No. - K3067

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
K3060G3 FAIRCHILD-K3060G3 Datasheet
143Kb / 6P
30A, 600V Stealth??Dual Diode
logo
Hitachi Semiconductor
K3069 HITACHI-K3069 Datasheet
52Kb / 10P
Silicon N Channel MOS FET High Speed Power Switching
logo
Gustav Klauke GmbH
K306K KLAUKE-K306K Datasheet
982Kb / 1P
K 30/6 K Self-adjusting crimping tool for cable end-sleeves and twin cable end-sleeves 0.08 - 16 mm²
More results

Similar Description - K3067

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2551 TOSHIBA-2SK2551_06 Datasheet
666Kb / 6P
Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2598 TOSHIBA-2SK2598_06 Datasheet
737Kb / 6P
Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2679 TOSHIBA-2SK2679_06 Datasheet
700Kb / 6P
Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2699 TOSHIBA-2SK2699_06 Datasheet
716Kb / 6P
Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2750 TOSHIBA-2SK2750_06 Datasheet
656Kb / 6P
Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2838 TOSHIBA-2SK2838_06 Datasheet
737Kb / 6P
Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2883 TOSHIBA-2SK2883_06 Datasheet
752Kb / 6P
Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2995 TOSHIBA-2SK2995_06 Datasheet
719Kb / 6P
Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK3117 TOSHIBA-2SK3117_06 Datasheet
718Kb / 6P
Silicon N Channel MOS Type Chopper Regulator DC−DC Converter and Motor Drive Applications
2SK3131 TOSHIBA-2SK3131_06 Datasheet
712Kb / 6P
Silicon N Channel MOS Type Chopper Regulator DC−DC Converter and Motor Drive Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com