Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP2558FD Datasheet(PDF) 20 Page - Microchip Technology

Part # MCP2558FD
Description  CAN FD Transceiver with Silent Mode
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2558FD Datasheet(HTML) 20 Page - Microchip Technology

Back Button MCP2558FD Datasheet HTML 16Page - Microchip Technology MCP2558FD Datasheet HTML 17Page - Microchip Technology MCP2558FD Datasheet HTML 18Page - Microchip Technology MCP2558FD Datasheet HTML 19Page - Microchip Technology MCP2558FD Datasheet HTML 20Page - Microchip Technology MCP2558FD Datasheet HTML 21Page - Microchip Technology MCP2558FD Datasheet HTML 22Page - Microchip Technology MCP2558FD Datasheet HTML 23Page - Microchip Technology MCP2558FD Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
MCP2557FD/8FD
DS20005533A-page 20
 2016 Microchip Technology Inc.
3.0
TYPICAL PERFORMANCE CURVES
FIGURE 3-1:
Dominant Differential Output
vs. RL (VDD =4.5V).
FIGURE 3-2:
Dominant Differential Output
vs. RL (VDD =5.0V).
FIGURE 3-3:
Dominant Differential Output
vs. RL (VDD =5.5V).
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
2.1
2.2
2.3
40
45
50
55
60
65
70
75
RL (Ω)
-40
25
150
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
2.1
2.2
2.3
40
45
50
55
60
65
70
75
RL (Ω)
-40
25
150
1.6
1.7
1.8
1.9
2
2.1
2.2
2.3
2.4
2.5
2.6
40
45
50
55
60
65
70
75
RL (Ω)
-40
25
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com