Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP4025 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # MP4025
Description  High Power Switching Applications Hammer Drive, Pulse Motor Drive and Inductive Load Switching
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MP4025 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  MP4025 Datasheet HTML 1Page - Toshiba Semiconductor MP4025 Datasheet HTML 2Page - Toshiba Semiconductor MP4025 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MP4025
2006-10-27
2
Marking
Thermal Characteristics
Characteristic
Symbol
Max
Unit
Thermal resistance from junction to ambient (4-device operation, Ta
= 25°C)
ΣRth (j-a)
31.3
°C/W
Maximum lead temperature for soldering purposes (3.2 mm from case for 10 s)
TL
260
°C
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 45 V, IE = 0
⎯
⎯
10
μA
Collector cut-off current
ICEO
VCE = 45 V, IB = 0
⎯
⎯
10
μA
Emitter cut-off current
IEBO
VEB = 6 V, IC = 0
0.46
⎯
1.25
mA
Collector-emitter breakdown voltage
V (BR) CEO
IC = 10 mA, IB = 0
50
60
70
V
Resistance
RB
⎯
2.5
3.6
4.7
k
Ω
DC current gain
hFE
VCE = 2 V, IC = 0.7 A
2000
⎯
⎯
⎯
VCE (sat) (1) IC = 0.5 A, VBH = 4.2 V
⎯
⎯
1.2
Collector-emitter saturation voltage
VCE (sat) (2) IC = 0.7 A, VBH = 9 V
⎯
⎯
1.5
V
Input voltage (low)
VBL
VCE = 30 V, IC = 100 μA
⎯
⎯
0.7
V
Turn-on time
ton
⎯
0.3
⎯
Storage time
tstg
⎯
4.0
⎯
Switching time
Fall time
tf
⎯
0.6
⎯
μs
Input
VCC ∼− 24 V
Duty cycle <= 1%
0
20
μs
VBH = 5 V
MP4025
JAPAN
Lot No.
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.
Part No. (or abbreviation code)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com