Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2906810 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 2906810
Description  TTC-6P-2X1-24DC-UT-I - Surge protection device
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2906810 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  2906810 Datasheet HTML 1Page - PHOENIX CONTACT 2906810 Datasheet HTML 2Page - PHOENIX CONTACT 2906810 Datasheet HTML 3Page - PHOENIX CONTACT 2906810 Datasheet HTML 4Page - PHOENIX CONTACT 2906810 Datasheet HTML 5Page - PHOENIX CONTACT 2906810 Datasheet HTML 6Page - PHOENIX CONTACT 2906810 Datasheet HTML 7Page - PHOENIX CONTACT 2906810 Datasheet HTML 8Page - PHOENIX CONTACT 2906810 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Mechanical data
Open side panel
No
Protective circuit
Direction of action
Line-Line & Line-Signal Ground/Shield & optional Signal
Ground/Shield-Earth Ground
30 V DC
Maximum continuous voltage UC
21 V AC
Rated current
600 mA (56 °C)
Operating effective current IC at UC
≤ 5 µA
Residual current IPE
≤ 10 µA
Nominal discharge current In (8/20) µs (line-ground)
5 kA
Pulse discharge current Iimp (10/350) µs (line-earth)
0.5 kA
Total discharge current Itotal (8/20) µs
10 kA
≤ 140 V (C1 - 1 kV / 500 A)
≤ 190 V (C2 - 10 kV / 5 kA)
≤ 45 V (C3 - 25 A)
Voltage protection level Up (line-earth)
≤ 50 V (C3 - 100 A)
≤ 55 V (C1 - 1 kV / 500 A)
Voltage protection level Up static (line-earth)
≤ 120 V (C2 - 10 kV / 5 kA)
Response time tA (line-earth)
≤ 1 ns
Input attenuation aE, asym.
typ. 0.3 dB (≤ 270 kHz/150 Ω)
Cut-off frequency fg (3 dB), asym. (PE) in 150 Ω system
typ. 960 kHz
Capacity (Core-Earth)
typ. 2.2 nF
Resistance per path
1.65 Ω ±20 %
Surge protection fault message
optical
Max. required back-up fuse
630 mA (FF)
C1 - 1 kV / 500 A
C2 - 10 kV / 5 kA
C3 - 100 A
Impulse durability (line-earth)
D1 - 500 A
Pulse reset time (line-earth)
≤ 300 ms
Additional technical data
Max. total discharge current I total max (8/20) µs
20 kA (1x)
Environmental and real-life conditions
Ambient conditions
Degree of protection
IP20
Ambient temperature (operation)
-40 °C ... 85 °C
Ambient temperature (storage/transport)
-40 °C ... 85 °C
Altitude
≤ 4000 m (amsl)
Permissible humidity (operation)
5 % ... 95 %
TTC-6P-2X1-24DC-UT-I - Surge protection device
2906810
https://www.phoenixcontact.com/us/products/2906810
Apr 4, 2025, 5:08 AM
Page 3 (9)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com