Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN1421 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # RN1421
Description  Silicon NPN Epitaxial Type (PCT Process) Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN1421 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  RN1421 Datasheet HTML 1Page - Toshiba Semiconductor RN1421 Datasheet HTML 2Page - Toshiba Semiconductor RN1421 Datasheet HTML 3Page - Toshiba Semiconductor RN1421 Datasheet HTML 4Page - Toshiba Semiconductor RN1421 Datasheet HTML 5Page - Toshiba Semiconductor RN1421 Datasheet HTML 6Page - Toshiba Semiconductor RN1421 Datasheet HTML 7Page - Toshiba Semiconductor RN1421 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
RN1421
∼RN1427
2007-11-01
1
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process)
RN1421,RN1422,RN1423,RN1424
RN1425,RN1426,RN1427
Switching, Inverter Circuit, Interface Circuit
And Driver Circuit Applications
High current type (IC (max) = 800mA)
With built-in bias resistors
Simplify circuit design
Reduce a quantity of parts and manufacturing process
Low VCE (sat)
Complementary to RN2401~RN2406
Equivalent Circuit and Bias Resister Values
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Collector-base voltage
VCBO
50
V
Collector-emitter voltage
RN1421~1427
VCEO
50
V
RN1421~1424
10
RN1425, 1426
5
Emitter-base voltage
RN1427
VEBO
6
V
Collector current
IC
800
mA
Collector power dissipation
PC
200
mW
Junction temperature
Tj
150
°C
Storage temperature range
RN1421~1427
Tstg
−55~150
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Unit: mm
JEDEC
―
JEITA
SC-59
TOSHIBA
2-3F1A
Weight: 0.012 g (typ.)
Type No.
R1 (kΩ)
R2 (kΩ)
RN1421
1
1
RN1422
2.2
2.2
RN1423
4.7
4.7
RN1424
10
10
RN1425
0.47
10
RN1426
1
10
RN1427
2.2
10


Similar Part No. - RN1421

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN1421 TOSHIBA-RN1421 Datasheet
322Kb / 8P
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process)
More results

Similar Description - RN1421

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN2421 TOSHIBA-RN2421 Datasheet
332Kb / 8P
PNP EPITAXIAL TYPE (SWITCHING, INVERTER CIRCUIT, INTERFACE CIRCUIT AND DRIVER CIRCUIT APPLICATIONS)
RN1414 TOSHIBA-RN1414_07 Datasheet
184Kb / 8P
Silicon NPN Epitaxial Type (PCT Process) Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN2101 TOSHIBA-RN2101_07 Datasheet
572Kb / 8P
Silicon PNP Epitaxial Type (PCT Process) Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN2321A TOSHIBA-RN2321A Datasheet
206Kb / 11P
Silicon PNP Epitaxial Type (PCT Process) Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN2907 TOSHIBA-RN2907_07 Datasheet
313Kb / 6P
Silicon PNP Epitaxial Type (PCT Process)Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1410 TOSHIBA-RN1410_07 Datasheet
260Kb / 5P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1210 TOSHIBA-RN1210_07 Datasheet
252Kb / 4P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1112 TOSHIBA-RN1112_07 Datasheet
267Kb / 5P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
RN47A5 TOSHIBA-RN47A5_07 Datasheet
283Kb / 7P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications.
RN47A4 TOSHIBA-RN47A4_07 Datasheet
301Kb / 7P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications.
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com