Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ETA1661 Datasheet(PDF) 4 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA1661
Description  18V, 4A, High Efficiency Synchronous Step-Down Converter in SOT563
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA1661 Datasheet(HTML) 4 Page - ETA SOLUTIONS CO. LIMITED

  ETA1661 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED ETA1661 Datasheet HTML 2Page - ETA SOLUTIONS CO. LIMITED ETA1661 Datasheet HTML 3Page - ETA SOLUTIONS CO. LIMITED ETA1661 Datasheet HTML 4Page - ETA SOLUTIONS CO. LIMITED ETA1661 Datasheet HTML 5Page - ETA SOLUTIONS CO. LIMITED ETA1661 Datasheet HTML 6Page - ETA SOLUTIONS CO. LIMITED ETA1661 Datasheet HTML 7Page - ETA SOLUTIONS CO. LIMITED ETA1661 Datasheet HTML 8Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ETA1661
www.etasolution.com
4
Empowering Thinkers
TYPICAL CHARACTERISTICS
Typical values are at Ta=25℃ unless otherwise specified
2.9
2.95
3
3.05
3.1
3.15
3.2
3.25
3.3
3.35
3.4
0
1
2
3
4
5
Iout (A)
Vout vs. Iout
Vin=5V
Vin=9V
Vin=12V
Vin=17V
1.1
1.12
1.14
1.16
1.18
1.2
1.22
1.24
1.26
0
1
2
3
4
5
Iout (A)
Vout vs. Iout
Vin=5V
Vin=9V
Vin=12V
Vin=17V
50%
55%
60%
65%
70%
75%
80%
85%
90%
95%
100%
0.01
0.1
1
Iout (A)
Effi. vs. Iout
Vin=5V
Vin=12V
Vin=17V
50%
55%
60%
65%
70%
75%
80%
85%
90%
95%
0.01
0.1
1
Iout (A)
Effi. vs. Iout
Vin=5V
Vin=12V
Vin=17V
Vout=1.2V
2.4
2.6
2.8
3
3.2
3.4
3.6
3.8
4
3
7
11
15
19
Vin(V)
Vout vs. Vin
Iout=0A
Iout=0.1A
Iout=1A
Iout=2A
Iout=3A
Iout=4A
1.00
1.05
1.10
1.15
1.20
1.25
1.30
4.5
9.5
14.5
19.5
Vin (V)
Vout vs. Vin
Iout=0A
Iout=0.1A
Iout=1A
Iout=2A
Iout=4A
Vout=3.3V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com