Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL3022 Datasheet(PDF) 2 Page - NVE Corporation

Part # IL3022
Description  Low-Cost Isolated RS485/RS422 Transceiver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

IL3022 Datasheet(HTML) 2 Page - NVE Corporation

  IL3022 Datasheet HTML 1Page - NVE Corporation IL3022 Datasheet HTML 2Page - NVE Corporation IL3022 Datasheet HTML 3Page - NVE Corporation IL3022 Datasheet HTML 4Page - NVE Corporation IL3022 Datasheet HTML 5Page - NVE Corporation IL3022 Datasheet HTML 6Page - NVE Corporation IL3022 Datasheet HTML 7Page - NVE Corporation IL3022 Datasheet HTML 8Page - NVE Corporation IL3022 Datasheet HTML 9Page - NVE Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
IL3022
2
NVE Corporation
11409 Valley View Road, Eden Prairie, MN 55344
(952) 829-9217
www.nve.com
YouTube.com/NveCorporation
iso-apps@nve.com
Absolute Maximum Ratings(6)
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Storage Temperature
TS
−55
150
°C
Junction Temperature
TJ
−55
150
°C
Voltage Range at A or B Bus Pins
−8
12.5
V
Supply Voltage(1)
VDD1, VDD2
−0.5
7
V
Digital Input Voltage
−0.5
VDD + 0.5
V
Digital Output Voltage
−0.5
VDD + 1
V
ESD (all bus nodes)
7
kV
HBM
Recommended Operating Conditions
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Supply Voltage
VDD1
VDD2
3.0
4.5
5.5
5.5
V
Ambient Operating Temperature
TA
−40
85
°C
Junction Temperature
TJ
−40
100
°C
Input Voltage at any Bus Terminal
(separately or common mode)
VI
VIC
12
−7
V
High-Level Digital Input Voltage
VIH
2.4
3.0
VDD1
V
VDD1 = 3.3 V
VDD1 = 5.0 V
Low-Level Digital Input Voltage
VIL
0
0.8
V
Differential Input Voltage(2)
VID
+12 / −7
V
High-Level Output Current (Driver)
IOH
60
mA
High-Level Digital Output Current
(Receiver)
IOH
8
mA
Low-Level Output Current (Driver)
IOL
−60
mA
Low-Level Digital Output Current
(Receiver)
IOL
−8
mA
Digital Input Signal Rise and Fall Times
tIR, tIF
DC Stable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com