Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL710 Datasheet(PDF) 1 Page - NVE Corporation

Part # IL710
Description  High Speed Single-Channel Digital Isolators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

IL710 Datasheet(HTML) 1 Page - NVE Corporation

  IL710 Datasheet HTML 1Page - NVE Corporation IL710 Datasheet HTML 2Page - NVE Corporation IL710 Datasheet HTML 3Page - NVE Corporation IL710 Datasheet HTML 4Page - NVE Corporation IL710 Datasheet HTML 5Page - NVE Corporation IL710 Datasheet HTML 6Page - NVE Corporation IL710 Datasheet HTML 7Page - NVE Corporation IL710 Datasheet HTML 8Page - NVE Corporation IL710 Datasheet HTML 9Page - NVE Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
IL710
IsoLoop is a registered trademark of NVE Corporation.
*U.S. Patent numbers 5,831,426; 6,300,617 and others.
REV. AI
NVE Corporation
11409 Valley View Road, Eden Prairie, MN 55344-3617
(952) 829-9217
www.nve.com
YouTube.com/NveCorporation
iso-apps@nve.com
High Speed Single-Channel Digital Isolators
Functional Diagram
OUT
1
V
OE
IN
1
IL710
Truth Table
VI
VOE
VO
L
L
L
H
L
H
L
H
Z
H
H
Z
Features
• High Speed: 150 Mbps typical (IL710S)
• 2500 VRMS isolation voltage
• 100 kV/μs common mode transient immunity
• No carrier or clock for low EMI emissions and susceptibility
• Extended 2.7 to 5.5 volt supply range
• 1.2 mA/channel typical quiescent current
• 300 ps typical pulse width distortion (IL710S)
• 100 ps pulse jitter
• 2 ns channel-to-channel skew
• 10 ns typical propagation delay
• 44000 year barrier life
• Excellent magnetic immunity
• IEC 60747-17 (VDE 0884-17):2021-10 certified; UL 1577 recognized
• 500 VRMS IS-to-IS intrinsically safe
• 8-pin MSOP, SOIC, and PDIP packages
Applications
• Digital Fieldbus
• RS-485 and RS-422
• Ground loop elimination
• Peripheral interfaces
• Serial communication
• Logic level shifting
• Equipment covered under IEC 61010-1 Edition 3
• 5 kVRMS rated IEC 60601-1 medical applications
Description
NVE’s IL700 family of high-speed digital isolators are CMOS
devices manufactured with NVE’s patented* spintronic Giant
Magnetoresistive (GMR) technology.
A unique ceramic/polymer composite barrier provides excellent
isolation and virtually unlimited barrier life.
The symmetric magnetic coupling barrier provides a typical
propagation delay of only 10 ns and a pulse width distortion as low
as 300 ps (0.3 ns), achieving the best specifications of any isolator.
Minimum transient immunity of 100 kV/µs is unsurpassed. The
IL710 is ideal for isolating applications such as PROFIBUS,
RS-485, and RS-422.
The IL710 is available in 8-pin MSOP, SOIC, and PDIP packages.
The IL710S is the world’s fastest isolator of its type, with a
150 Mbps typical data rate. Standard and S-Grade parts are specified
over a temperature range of −40°C to +100°C. T-Grade parts are
specified over a temperature range of −40°C to +125°C.
The MSOP
V-Series version offers full 2500 VRMS isolation in an ultraminiature
package.


Similar Part No. - IL710

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL710 ETC1-IL710 Datasheet
149Kb / 7P
High Speed Digital Isolator
logo
Texas Instruments
IL710 TI-IL710 Datasheet
668Kb / 24P
3.3-V/5-V HIGH-SPEED DIGITAL ISOLATORS
logo
List of Unclassifed Man...
IL710-2 ETC1-IL710-2 Datasheet
149Kb / 7P
High Speed Digital Isolator
IL710-2 ETC-IL710-2 Datasheet
477Kb / 8P
T-Series Wide Temperature Range High Speed Digital Coupler
IL710-3 ETC1-IL710-3 Datasheet
149Kb / 7P
High Speed Digital Isolator
More results

Similar Description - IL710

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL9000 HP-HCPL9000 Datasheet
449Kb / 12P
High Speed Digital Isolators
logo
Analog Devices
ADUM3440CRWZ AD-ADUM3440CRWZ Datasheet
389Kb / 24P
Quad Channel, High Speed Digital Isolators
REV. D
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-090J-000E AVAGO-HCPL-090J-000E Datasheet
357Kb / 14P
High Speed Digital Isolators
HCPL-0931-500E AVAGO-HCPL-0931-500E Datasheet
357Kb / 14P
High Speed Digital Isolators
logo
List of Unclassifed Man...
IL715T-3E ETC2-IL715T-3E Datasheet
496Kb / 18P
High Speed Four-Channel Digital Isolators
logo
Analog Devices
ADUM3440 AD-ADUM3440_15 Datasheet
389Kb / 24P
Quad Channel, High Speed Digital Isolators
Rev. D
ADUM3441 AD-ADUM3441_15 Datasheet
389Kb / 24P
Quad Channel, High Speed Digital Isolators
Rev. D
ADUM3442 AD-ADUM3442_15 Datasheet
389Kb / 24P
Quad Channel, High Speed Digital Isolators
Rev. D
logo
Texas Instruments
ISO721 TI1-ISO721_15 Datasheet
1Mb / 37P
Single Channel High-Speed Digital Isolators
ISO7240CF TI1-ISO7240CF_15 Datasheet
2Mb / 46P
High-Speed, Quad-Channel Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com