Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL721V Datasheet(PDF) 1 Page - NVE Corporation

Part # IL721V
Description  High Isolation Voltage Digital Isolators
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

IL721V Datasheet(HTML) 1 Page - NVE Corporation

  IL721V Datasheet HTML 1Page - NVE Corporation IL721V Datasheet HTML 2Page - NVE Corporation IL721V Datasheet HTML 3Page - NVE Corporation IL721V Datasheet HTML 4Page - NVE Corporation IL721V Datasheet HTML 5Page - NVE Corporation IL721V Datasheet HTML 6Page - NVE Corporation IL721V Datasheet HTML 7Page - NVE Corporation IL721V Datasheet HTML 8Page - NVE Corporation IL721V Datasheet HTML 9Page - NVE Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
V-Series Isolators
IsoLoop is a registered trademark of NVE Corporation.
*U.S. Patent numbers 5,831,426; 6,300,617 and others.
REV. F
NVE Corporation
11409 Valley View Road, Eden Prairie, MN 55344-3617
Phone: (952) 829-9217
Fax: (952) 829-9189
www.IsoLoop.com
©NVE Corporation
High Isolation Voltage Digital Isolators
Functional Diagrams
IL711V
IN
1
IN
2
OUT
1
OUT
2
IL721V
IN
1
OUT
2
IN
2
OUT
1
IL715V
IL716V
IL717V
IN
1
IN
2
OUT
3
OUT
4
OUT
1
OUT
2
IN
3
IN
4
OUT
1
OUT
2
OUT
3
IN
4
OUT
1
OUT
2
OUT
3
OUT
4
IN
1
IN
2
IN
3
IN
4
IN
1
IN
2
IN
3
OUT
4
IN
1
IN
2
IN
3
IN
4
OUT
5
IN
5
OUT
1
OUT
2
OUT
3
OUT
4
OUT
1
OUT
2
OUT
3
OUT
4
OUT
5
IN
1
IN
2
IN
3
IN
4
IN
5
IL261V
IL260V
IN
1
IN
2
IN
3
OUT
4
OUT
5
IN
5
OUT
1
OUT
2
OUT
3
IN
4
IL262V
Features
• 5000 VRMS/7072 VPK isolation voltage (1 minute; per UL1577)
• 1000 VRMS/1415VPK working voltage (VIORM) under VDE 0884-10
• 10 kVRMS surge voltage under VDE 0884-10
• High temperature: −40°C to +125°C
• 50 kV/μs typ.; 30 kV/μs min. common mode transient immunity
• No carrier or clock for low EMI emissions and susceptibility
• 1.2 mA/channel typical quiescent current
• 100 ps max. pulse jitter
• 2 ns channel-to-channel skew
• 10 ns typical propagation delay
• 44000 year barrier life
• Excellent magnetic immunity
• UL 1577 recognized; VDE 0884-10 pending
• True 8 mm creepage package
Applications
• Board-to-board communication
• CANbus
• Peripheral interfaces
• Logic level shifting
• Equipment covered under IEC 61010-1 Edition 3
• 5 kVRMS rated IEC 60601-1 medical applications
Description
NVE’s IL200V/IL700V family of high isolation voltage digital isolators
are CMOS devices manufactured with NVE’s patented* IsoLoop®
spintronic Giant Magnetoresistive (GMR) technology.
IL200/IL700 isolators are inherently low in EMI emissions with no carrier
or clocks.
A unique ceramic/polymer composite barrier provides excellent isolation
and virtually unlimited barrier life.
The parts use NVE’s unique JEDEC-compliant 16-pin package with
True 8 mm creepage under IEC 60601.
8.3 mm


Similar Part No. - IL721V

ManufacturerPart #DatasheetDescription
logo
NVE Corporation
IL721VE NVE-IL721VE Datasheet
760Kb / 20P
High Speed Two-Channel Digital Isolators
More results

Similar Description - IL721V

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL9000 HP-HCPL9000 Datasheet
449Kb / 12P
High Speed Digital Isolators
logo
List of Unclassifed Man...
CLA90 ETC1-CLA90 Datasheet
61Kb / 2P
DIGITAL OUTPUT HIGH VOLTAGE AXIAL LEAD ISOLATORS
logo
Texas Instruments
ISO7230C TI-ISO7230C_09 Datasheet
691Kb / 25P
HIGH SPEED, TRIPLE DIGITAL ISOLATORS
ISO7231C-Q1 TI1-ISO7231C-Q1 Datasheet
804Kb / 23P
HIGH SPEED, TRIPLE DIGITAL ISOLATORS
ISO7240CF TI1-ISO7240CF_12 Datasheet
1Mb / 31P
HIGH SPEED QUAD DIGITAL ISOLATORS
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-090J-000E AVAGO-HCPL-090J-000E Datasheet
357Kb / 14P
High Speed Digital Isolators
HCPL-0931-500E AVAGO-HCPL-0931-500E Datasheet
357Kb / 14P
High Speed Digital Isolators
HCPL-0930-000E AVAGO-HCPL-0930-000E Datasheet
319Kb / 14P
High Speed Digital Isolators
logo
Texas Instruments
ISO7230C-Q1 TI-ISO7230C-Q1_15 Datasheet
968Kb / 24P
HIGH SPEED, TRIPLE DIGITAL ISOLATORS
logo
Silicon Laboratories
AN352 SILABS-AN352 Datasheet
142Kb / 4P
LOW-COST, HIGH-SPEED I2C ISOLATION WITH DIGITAL ISOLATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com