Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL717V Datasheet(PDF) 4 Page - NVE Corporation

Part # IL717V
Description  High Isolation Voltage Digital Isolators
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

IL717V Datasheet(HTML) 4 Page - NVE Corporation

  IL717V Datasheet HTML 1Page - NVE Corporation IL717V Datasheet HTML 2Page - NVE Corporation IL717V Datasheet HTML 3Page - NVE Corporation IL717V Datasheet HTML 4Page - NVE Corporation IL717V Datasheet HTML 5Page - NVE Corporation IL717V Datasheet HTML 6Page - NVE Corporation IL717V Datasheet HTML 7Page - NVE Corporation IL717V Datasheet HTML 8Page - NVE Corporation IL717V Datasheet HTML 9Page - NVE Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
V-Series Isolators
4
NVE Corporation
11409 Valley View Road, Eden Prairie, MN 55344-3617
Phone: (952) 829-9217
Fax: (952) 829-9189
www.IsoLoop.com
©NVE Corporation
IL711V Pin Connections
1
2
GND1
Ground return for VDD1
(pins 1, 2, 7, and 8 internally connected)
3
VDD1
Supply voltage
4
IN1
Data in, channel 1
5
IN2
Data in, channel 2
6
NC
No connection
7
8
GND1
Ground return for VDD1
(pins 1, 2, 7, and 8 internally connected)
9
10
GND2
Ground return for VDD2
(pins 9, 10, 15, and 16 internally connected)
11
NC
No connection
12
OUT2
Data out, channel 2
13
OUT1
Data out, channel 1
14
VDD2
Supply voltage
15
16
GND2
Ground return for VDD2
(pins 9, 10, 15, and 16 internally connected)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
IN1
V
DD2
GND
1
NC
GND
2
GND
2
IN2
OUT2
OUT1
GND
1
V
DD1
GND
2
GND
1
GND
2
NC
GND
1
IL711V
IL721V Pin Connections
1
2
GND1
Ground return for VDD1
(pins 1, 2, 7, and 8 internally connected)
3
VDD1
Supply voltage
4
OUT1
Data out, channel 1
5
IN2
Data in, channel 2
6
NC
No connection
7
8
GND1
Ground return for VDD1
(pins 1, 2, 7, and 8 internally connected)
9
10
GND2
Ground return for VDD2
(pins 9, 10, 15, and 16 internally connected)
11
NC
No connection
12
OUT2
Data out, channel 2
13
IN1
Data in, channel 1
14
VDD2
Supply voltage
15
16
GND2
Ground return for VDD2
(pins 9, 10, 15, and 16 internally connected)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
OUT1
V
DD2
GND
1
NC
GND
2
GND
2
IN2
OUT2
IN1
GND
1
V
DD1
GND
2
GND
1
GND
2
NC
GND
1
IL721V
IL715V Pin Connections
1
VDD1
Supply voltage
2
GND1
Ground return for V
DD
1*
3
IN1
Data in, channel 1
4
IN2
Data in, channel 2
5
IN3
Data in, channel 3
6
IN4
Data in, channel 4
7
NC
No connection
8
GND1
Ground return for V
DD
1*
9
GND2
Ground return for V
DD
2*
10
NC
No connection
11
OUT4
Data out, channel 4
12
OUT3
Data out, channel 3
13
OUT2
Data out, channel 2
14
OUT1
Data out, channel 1
15
GND2
Ground return for V
DD
2*
16
VDD2
Supply voltage
V
DD1
GND
1
GND
2
OUT
2
OUT
3
OUT
1
IN
1
IN
2
IN
3
V
DD2
IN
4
NC
NC
OUT
4
GND
1
GND
2
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
IL715V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com