Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL715T Datasheet(PDF) 1 Page - NVE Corporation

Part # IL715T
Description  High Speed Four-Channel Digital Isolators
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

IL715T Datasheet(HTML) 1 Page - NVE Corporation

  IL715T Datasheet HTML 1Page - NVE Corporation IL715T Datasheet HTML 2Page - NVE Corporation IL715T Datasheet HTML 3Page - NVE Corporation IL715T Datasheet HTML 4Page - NVE Corporation IL715T Datasheet HTML 5Page - NVE Corporation IL715T Datasheet HTML 6Page - NVE Corporation IL715T Datasheet HTML 7Page - NVE Corporation IL715T Datasheet HTML 8Page - NVE Corporation IL715T Datasheet HTML 9Page - NVE Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
IL715/IL716/IL717
IsoLoop is a registered trademark of NVE Corporation.
*U.S. Patent numbers 5,831,426; 6,300,617 and others.
REV. AL
NVE Corporation
11409 Valley View Road, Eden Prairie, MN 55344-3617
(952) 829-9217
www.nve.com
YouTube.com/NveCorporation
iso-apps@nve.com
High Speed Four-Channel Digital Isolators
Functional Diagrams
IL715
IL716
IL717
IN
1
IN
2
OUT
3
OUT
4
OUT
1
OUT
2
IN
3
IN
4
OUT
1
OUT
2
OUT
3
IN
4
OUT
1
OUT
2
OUT
3
OUT
4
IN
1
IN
2
IN
3
IN
4
IN
1
IN
2
IN
3
OUT
4
Features
•
High speed: 110 Mbps
•
High temperature: −40 °C to +125 °C (“T” and “V” Series)
•
Very high isolation: 7 kVRMS Reinforced Isolation (V-Series)
•
2.7 to 5.5 volt supply range
•
100 kV/μs Common Mode Transient Immunity
•
No carrier or clock for low EMI emissions and susceptibility
•
100 ps pulse jitter
•
2 ns channel-to-channel skew
•
10 ns typical propagation delay
•
1.2 mA/channel typical quiescent current
•
44000 year barrier life
•
Excellent magnetic immunity
•
IEC 60747-17 (VDE 0884-17):2021-10 certified; UL 1577 recognized
•
7 kVRMS Reinforced Isolation; 1.2 kVRMS Working Voltage (V-series)
•
ATEX / IECEx certified for IS-to-IS intrinsically-safe applications
•
0.15" and 0.3" True 8™ mm 16-pin SOIC; 16-pin QSOP packages
Applications
•
ADCs and DACs
•
Digital Fieldbus
•
Multiplexed data transmission
•
Board-to-board communication
•
Ground loop elimination
•
Parallel bus
•
Logic level shifting
•
Equipment covered under IEC 61010-1 Edition 3
•
5 kVRMS rated IEC 60601-1 medical applications
Description
NVE’s IL715, IL716, and IL717 four-channel high-speed digital isolators
are CMOS devices manufactured with NVE’s patented* spintronic Giant
Magnetoresistive (GMR) technology.
A unique ceramic/polymer composite barrier provides excellent isolation
and virtually unlimited barrier life.
All transmit and receive channels operate at 110 Mbps over the full
temperature and supply voltage range. The symmetric magnetic coupling
barrier provides typical propagation delay of only 10 ns, pulse width
distortion of 2 ns, and 100 ps pulse jitter, which are best-in-class.
Minimum transient immunity of 100 kV/µs is unsurpassed. High channel
density makes these devices ideal for isolating ADCs and DACs, parallel
buses and peripheral interfaces.
The IL715, IL716, and IL717 are available in 16-pin 0.3" and 0.15" SOIC,
and ultraminiature QSOP packages.
V-Series versions have an extremely high isolation voltage of 7 kVRMS.
“T” and “V” Series parts have a maximum operating temperature of 125 °C.


Similar Part No. - IL715T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL715T-3E ETC2-IL715T-3E Datasheet
496Kb / 18P
High Speed Four-Channel Digital Isolators
More results

Similar Description - IL715T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL715 ETC1-IL715 Datasheet
128Kb / 7P
Four Channel Digital Isolators
logo
Analog Devices
ADUM3440CRWZ AD-ADUM3440CRWZ Datasheet
389Kb / 24P
Quad Channel, High Speed Digital Isolators
REV. D
logo
Maxim Integrated Produc...
MAX14934 MAXIM-MAX14934 Datasheet
1Mb / 24P
Four-Channel, 5kVRMS Digital Isolators
Rev 0; 9/14
logo
List of Unclassifed Man...
IL715T-3E ETC2-IL715T-3E Datasheet
496Kb / 18P
High Speed Four-Channel Digital Isolators
logo
Analog Devices
ADUM3441 AD-ADUM3441_15 Datasheet
389Kb / 24P
Quad Channel, High Speed Digital Isolators
Rev. D
ADUM3442 AD-ADUM3442_15 Datasheet
389Kb / 24P
Quad Channel, High Speed Digital Isolators
Rev. D
logo
Texas Instruments
ISO721 TI1-ISO721_15 Datasheet
1Mb / 37P
Single Channel High-Speed Digital Isolators
logo
Silicon Laboratories
SI844X SILABS-SI844X Datasheet
1Mb / 32P
FOUR AND FIVE-CHANNEL DIGITAL ISOLATORS
logo
Maxim Integrated Produc...
MAX14934 MAXIM-MAX14934_V01 Datasheet
1Mb / 23P
Four-Channel, 5kVRMS Digital Isolators
2020
logo
Skyworks Solutions Inc.
SI844X SKYWORKS-SI844X Datasheet
991Kb / 31P
FOUR AND FIVE-CHANNEL DIGITAL ISOLATORS
Revision 0.1 to Revision 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com