Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL716E Datasheet(PDF) 10 Page - NVE Corporation

Part # IL716E
Description  High Speed Four-Channel Digital Isolators
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

IL716E Datasheet(HTML) 10 Page - NVE Corporation

Back Button IL716E Datasheet HTML 6Page - NVE Corporation IL716E Datasheet HTML 7Page - NVE Corporation IL716E Datasheet HTML 8Page - NVE Corporation IL716E Datasheet HTML 9Page - NVE Corporation IL716E Datasheet HTML 10Page - NVE Corporation IL716E Datasheet HTML 11Page - NVE Corporation IL716E Datasheet HTML 12Page - NVE Corporation IL716E Datasheet HTML 13Page - NVE Corporation IL716E Datasheet HTML 14Page - NVE Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
IL715/IL716/IL717
10
NVE Corporation
11409 Valley View Road, Eden Prairie, MN 55344-3617
(952) 829-9217
www.nve.com
YouTube.com/NveCorporation
iso-apps@nve.com
Application Information
Isolator Operation
An equivalent circuit is shown below:
Data
In
Data
Out
Field
Figure 4. IL715/IL716/IL717 equivalent circuit (each channel).
Isolator Signal Path
The GMR isolator signal path starts with a buffered input signal that is driven through an ultraminiature coil. This generates a small magnetic
field that changes the electron spin polarization of GMR resistors, which are configured as a Wheatstone bridge. The change in spin polarization
of the resistors creates a bridge voltage which drives an output comparator to construct an isolated version of the input signal.
Small Size, High Speed, and Low EMI
The coil, GMR, and circuitry are integrated to allow small packages. GMR is inherently high speed and low distortion, and unlike transformers,
does not rely on energy transfer, so power is low and EMI emissions are minimal.
High Magnetic Immunity
GMR provides large signals which improve magnetic immunity, and the Wheatstone bridge configuration cancels ambient common-mode
magnetic fields, further enhancing immunity to external magnetic fields.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com