Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY1908P Datasheet(PDF) 2 Page - HOOYI SEMICONDUCTOR

Part # HY1908P
Description  N-Channel Enhancement Mode MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOOYI [HOOYI SEMICONDUCTOR]
Direct Link  
Logo HOOYI - HOOYI SEMICONDUCTOR

HY1908P Datasheet(HTML) 2 Page - HOOYI SEMICONDUCTOR

  HY1908P Datasheet HTML 1Page - HOOYI SEMICONDUCTOR HY1908P Datasheet HTML 2Page - HOOYI SEMICONDUCTOR HY1908P Datasheet HTML 3Page - HOOYI SEMICONDUCTOR HY1908P Datasheet HTML 4Page - HOOYI SEMICONDUCTOR HY1908P Datasheet HTML 5Page - HOOYI SEMICONDUCTOR HY1908P Datasheet HTML 6Page - HOOYI SEMICONDUCTOR HY1908P Datasheet HTML 7Page - HOOYI SEMICONDUCTOR HY1908P Datasheet HTML 8Page - HOOYI SEMICONDUCTOR HY1908P Datasheet HTML 9Page - HOOYI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
** Drain current is limited by junction temperature
416***
360**
80
HY1908
2
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
Common Ratings (TC=25°C Unless Otherwise Noted)
VDSS
Drain-Source Voltage
80
VGSS
Gate-Source Voltage
±25
V
TJ
Maximum Junction Temperature
175
°C
TSTG
Storage Temperature Range
-55 to 175
°C
IS
Diode Continuous Forward Current
TC=25°C
90
A
Mounted on Large Heat Sink
IDM
Pulsed Drain Current *
A
TC=25°C
90
ID
Continuous Drain Current
TC=100°C
64
A
TC=25°C
185
PD
Maximum Power Dissipation
TC=100°C
92
W
RθJC
Thermal Resistance-Junction to Case
0.81
RθJA
Thermal Resistance-Junction to Ambient
62.5
°C/W
Avalanche Ratings
EAS
Avalanche Energy, Single Pulsed
L=0.5mH
mJ
Note:
Electrical Characteristics (T
C = 25°C Unless Otherwise Noted)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Static Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, IDS=250
µA
-
V
VDS=80V, VGS=0V
-
-
1
IDSS
Zero Gate Voltage Drain Current
TJ=85°C
-
-
10
µA
VGS(th)
Gate Threshold Voltage
VDS=VGS, IDS=250
µA
2
3
4
V
IGSS
Gate Leakage Current
VGS=±25V, VDS=0V
-
-
±100
nA
RDS(ON)
Drain-Source On-state Resistance
VGS=10V, IDS=45A
-
7.0
9.0
m
Ω
Diode Characteristics
VSD
Diode Forward Voltage
ISD=45A, VGS=0V
-
0.8
1
V
trr
Reverse Recovery Time
-
60
-
ns
Qrr
Reverse Recovery Charge
ISD=45A, dlSD/dt=100A/
µs
-
125
-
nC
-
*** VD=64V
* Repetitive rating ; pulse width limiited by junction temperature
*
*
HY1908P/M/B/PS/PM/MF
www.hooyi.cc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com