Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT3S37FS Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # MT3S37FS
Description  UHF Low-Noise Amplifier Application
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MT3S37FS Datasheet(HTML) 2 Page - Toshiba Semiconductor

  MT3S37FS Datasheet HTML 1Page - Toshiba Semiconductor MT3S37FS Datasheet HTML 2Page - Toshiba Semiconductor MT3S37FS Datasheet HTML 3Page - Toshiba Semiconductor MT3S37FS Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MT3S37FS
2007-11-01
2
Microwave Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Transition frequency
fT
VCE = 3 V, IC = 20 mA, f = 2 GHz
15
19
-
GHz
|S21e|
2 (1)
VCE = 3 V, IC = 20 mA, f = 1 GHz
15
17
-
dB
Insertion gain
|S21e|
2 (2)
VCE = 3 V, IC = 20 mA, f = 2 GHz
10
12
-
dB
NF (1)
VCE = 3 V, IC = 3 mA, f = 1 GHz
-
0.9
-
dB
Noise figure
NF (2)
VCE = 3 V, IC = 3 mA, f = 2 GHz
-
1.2
1.8
dB
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 8 V, IE = 0
-
-
1
µA
Emitter cut-off current
IEBO
VEB = 1 V, IC = 0
-
-
1
µA
DC current gain
hFE
VCE = 3 V, IC = 20 mA
70
-
140
-
Output capacitance
Cob
VCB = 1 V, IE = 0, f = 1 MHz
-
0.49
0.75
pF
Reverse transistor capacitance
Cre
VCB = 1 V, IE = 0, f = 1 MHz (Note
1)
-
0.30
0.55
pF
Note 1:
Cre is measured using a three-terminal method with a capacitance bridge.
Note 2:
This product is a lead-free article.
Caution: This device is sensitive to electrostatic discharge. Be sure to provide all tools and equipment with
adequate grounding.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com