Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD4350 Datasheet(PDF) 4 Page - Powerex Power Semiconductors

Part # LD4350
Description  POW-R-BLOK Dual SCR Isolated Module (500 Amperes / Up to 1600 Volts)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

LD4350 Datasheet(HTML) 4 Page - Powerex Power Semiconductors

  LD4350 Datasheet HTML 1Page - Powerex Power Semiconductors LD4350 Datasheet HTML 2Page - Powerex Power Semiconductors LD4350 Datasheet HTML 3Page - Powerex Power Semiconductors LD4350 Datasheet HTML 4Page - Powerex Power Semiconductors LD4350 Datasheet HTML 5Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK
TM
Dual SCR Isolated Module
500 Amperes / Up to 1600 Volts
Revision Date: 12/04/2002
LD43__50
Maximum Transient Thermal Impedance
.00000
.01000
.02000
.03000
.04000
.05000
.06000
.07000
0.0001
0.001
0.01
0.1
1
10
100
Time - t - Seconds
(Junction to Case)
LD43N
0
180
360
CONDUCTION ANGLE
M axim um On-State Power Dissipation
15°
30°
60°
90°
120°
180°
0
100
200
300
400
500
600
700
0
100
200
300
400
500
600
Average On-State Current - It(av) - Amperes
(Sinusoidal Waveform)
LD43N
0
180
360
CONDUCTION ANGLE
Maximum Allowable Case Temperature
120°
90°
60°
30°
15°
180°
80
85
90
95
100
105
110
115
120
125
130
0
100
200
300
400
500
600
Average On-State Current - It(av) - Amperes
(Sinusoidal Waveform)
LD43N
0
180
360
CONDUCTION ANGLE
Maximum On-State Power Dissipation
90°
60°
30°
120°
180°
270°
15°
360°
0
100
200
300
400
500
600
700
800
900
0
100
200
300
400
500
600
700
800
900
Average On-State Current - It(av) - Amperes
(Rectangular Waveform)
LD43N
0
180
360
CONDUCTION ANGLE
Maximum Allowable Case Temperature
270°
180°
120°
90°
60°
30°
15°
360°C
60
70
80
90
100
110
120
130
140
0
100
200
300
400
500
600
700
800
900
Average On-State Current - It(av) - Amperes
(Rectangular Waveform)
LD43N
Maximum On-State Forward Voltage Drop
0.00
1.00
2.00
3.00
4.00
5.00
10
100
1000
10000
100000
Instantaneous On-State Current - Itm - Amperes
( Tj = 130 °C )
LD43N



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com