Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS20170CG Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # STPS20170CG
Description  Schottky Rectifier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

STPS20170CG Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  STPS20170CG Datasheet HTML 1Page - Inchange Semiconductor Company Limited STPS20170CG Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Schottky Rectifier Diode
STPS20170CG
www.iscsemi.com
1
FEATURES
· High reverse voltage
· High junction temperature capability
APPLICATIONS
· Can challenge bipolar ultrafast diodes
with better dynamic characteristics
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
Peak Reverse voltage
170
V
IF(AV)
Average output current (Total)
10*2
A
IFSM
Forward surge current
t = 10 ms; (50 Hz), sine;VR = 0 V
180
A
TJ
Max.Junction Temperature
175
℃
Tstg
Storage Temperature Range
-65~+175
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-c
Thermal Resistance,Junction to Case (Per diode)
2.2
℃
/W
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
Type
MAX
UNIT
VF
Forward voltage drop
IF= 10A ; TJ= 25℃
-
-
0.90
V
IF= 20A ; TJ= 25℃
-
-
0.99
V
IR
Reverse leakage current
VR=VRRM, TJ= 25℃
-
-
15
uA
VR=VRRM, TJ= 125℃
-
-
15
mA


Similar Part No. - STPS20170CG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS20170CG STMICROELECTRONICS-STPS20170CG Datasheet
104Kb / 8P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
28-Jul-2005
STPS20170CG-TR STMICROELECTRONICS-STPS20170CG-TR Datasheet
104Kb / 8P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
28-Jul-2005
STPS20170CG-TR STMICROELECTRONICS-STPS20170CG-TR Datasheet
513Kb / 15P
High voltage power Schottky rectifier
14-Oct-2016
More results

Similar Description - STPS20170CG

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MBR0530 UTC-MBR0530 Datasheet
82Kb / 3P
SCHOTTKY RECTIFIER DIODE
MBR0540 UTC-MBR0540 Datasheet
83Kb / 3P
SCHOTTKY RECTIFIER DIODE
logo
List of Unclassifed Man...
MS503 ETC2-MS503 Datasheet
232Kb / 3P
Schottky Rectifier Diode
logo
Seme LAB
1N5819D2A SEME-LAB-1N5819D2A Datasheet
194Kb / 4P
SCHOTTKY RECTIFIER DIODE
logo
Infineon Technologies A...
BAS3020B INFINEON-BAS3020B Datasheet
131Kb / 7P
Schottky Rectifier Diode
2007-12-14
logo
Seme LAB
1N5819CSM4 SEME-LAB-1N5819CSM4_09 Datasheet
117Kb / 3P
SCHOTTKY RECTIFIER DIODE
logo
Shanghai Shunye Electro...
25SQ045 SHUNYE-25SQ045 Datasheet
395Kb / 2P
SCHOTTKY RECTIFIER DIODE
logo
TT Electronics.
1N5806D2 TTELEC-1N5806D2 Datasheet
461Kb / 4P
SCHOTTKY RECTIFIER DIODE
1N5819CSM4 TTELEC-1N5819CSM4 Datasheet
117Kb / 3P
SCHOTTKY RECTIFIER DIODE
logo
Inchange Semiconductor ...
STPS160H100TV ISC-STPS160H100TV Datasheet
550Kb / 3P
Schottky Rectifier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com