Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QAS4-MM Datasheet(PDF) 1 Page - Qualwave Inc. All rights reserved.

Part # QAS4-MM
Description  Coaxial Adapters
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALWAVE [Qualwave Inc. All rights reserved.]
Direct Link  http://www.qualwave.com/index.htm
Logo QUALWAVE - Qualwave Inc. All rights reserved.

QAS4-MM Datasheet(HTML) 1 Page - Qualwave Inc. All rights reserved.

  QAS4-MM Datasheet HTML 1Page - Qualwave Inc. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Coaxial Adapters
Qualwave Inc.
+86-28-6115-4929
sales@qualwave.com
www.qualwave.com
Rev 1.2
QAS4
SMA to 4.3/10
Features:
Applications:
* Low VSWR
* Wireless
* Transmitter
* Laboratory Test
* Radar
Electrical
Frequency:
DC~6GHz
VSWR:
1.15 max. @DC~3GHz
Impedance:
50Ω
Mechanical
RF Connectors:
SMA
4.3/10
Outer Conductor:
Sliver plated phosphor bronze
Dielectric:
PTFE
Inner Conductor:
Sliver plated phosphor bronze
Sliver plated brass/beryllium
copper
How To Order
QAS4-MM - SMA(m) to 4.3-10(m), Outline A
QAS4-MF - SMA(m) to 4.3-10(f), Outline B
QAS4-FM - SMA(f) to 4.3-10(m), Outline C
QAS4-FF - SMA(f) to 4.3-10(f), Outline D
Customization is available upon request.
Outline Drawings
Unit: mm [in]
Tolerance: ±0.2mm [±0.008in]


Similar Part No. - QAS4-MM

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
QAS QUALTEK-QAS Datasheet
529Kb / 1P
MOLDED PARTS
logo
Power-One
QAS050Z60 POWER-ONE-QAS050Z60 Datasheet
87Kb / 3P
Overvoltage Protection
QAS050ZG POWER-ONE-QAS050ZG Datasheet
87Kb / 3P
Overvoltage Protection
QAS060Z57 POWER-ONE-QAS060Z57 Datasheet
87Kb / 3P
Overvoltage Protection
logo
Qualwave Inc. All right...
QAS1M4 QUALWAVE-QAS1M4 Datasheet
142Kb / 1P
Coaxial Adapters
Rev 1.1
More results

Similar Description - QAS4-MM

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
SPU45E TRUMPOWER-SPU45E Datasheet
58Kb / 1P
Desktop Adapters
logo
Glenair, Inc.
M24758-22C16 GLENAIR-M24758-22C16 Datasheet
50Kb / 2P
Adapters
M28840-23JW GLENAIR-M28840-23JW Datasheet
72Kb / 1P
EMI Adapters
M83538-9S-09 GLENAIR-M83538-9S-09 Datasheet
71Kb / 1P
Adapters/Extenders
logo
Molex Electronics Ltd.
106004 MOLEX10-106004 Datasheet
175Kb / 1P
Bezel Adapters
logo
Balluff Korea Ltd.
BCC0F2T BALLUFF-BCC0F2T Datasheet
102Kb / 2P
Adapters
0.54_2022-07-16
BCC0F2U BALLUFF-BCC0F2U Datasheet
102Kb / 2P
Adapters
0.58_2022-07-11
BCC0F2Y BALLUFF-BCC0F2Y Datasheet
101Kb / 2P
Adapters
0.61_2022-07-11
BCC0F47 BALLUFF-BCC0F47 Datasheet
100Kb / 2P
Adapters
0.54_2022-07-11
BCC0HKZ BALLUFF-BCC0HKZ Datasheet
153Kb / 2P
Adapters
0.62_2022-07-15
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com