Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ME501210 Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # ME501210
Description  Three-Phase Diode Bridge Modules (100 Amperes/1200-1600 Volts)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

ME501210 Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  ME501210 Datasheet HTML 1Page - Powerex Power Semiconductors ME501210 Datasheet HTML 2Page - Powerex Power Semiconductors ME501210 Datasheet HTML 3Page - Powerex Power Semiconductors ME501210 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Dimension
Inches
Millimeters
A
3.15
80
B
2.677±0.010
68±0.25
C
1.57
40
D
1.18
30
E
1.16
29.5
F
1.04
26.5
G
0.79
20
H
0.45
11.5
J
0.41
10.5
K
0.39
10
L
0.31
8
M
0.216 Dia.
Dia. 5.5
N
M5 Metric
M5
Description:
Powerex Three-Phase Diode
Bridge Modules are designed for
use in three-phase bridge applica-
tions. The modules are isolated
consisting of six rectifier diodes.
Features:
Isolated Mounting
Planar Chips
Applications:
Inverters
DC Power Supplies
AC Motor Control Front End
Ordering Information:
Select the complete eight digit
module part number you desire
from the table below.
Example: ME501210 is a
1200 Volt, 100 Ampere Three-
Phase Diode Bridge Module.
Voltage
Current Rating
Type
Volts (x100)
Amperes (x10)
ME50
12
10
16
D-83
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Three-Phase
Diode Bridge Modules
100 Amperes/1200-1600 Volts
ME501210
ME501610
Outline Drawing
ME501210, ME501610
Three-Phase Diode Bridge Modules
100 Amperes/1200-1600 Volts
H
C
D
K
A
B
G
G
J
E
F
L
+-
M - DIA.
(2 TYP.)
N - M5 THD
(5 TYP.)


Similar Part No. - ME501210

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
ME501206 POWEREX-ME501206 Datasheet
67Kb / 4P
Three-Phase Diode Bridge Modules (60 Amperes/1200-1600 Volts)
More results

Similar Description - ME501210

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CDD11210 POWEREX-CDD11210 Datasheet
72Kb / 4P
Dual Diode POW-R-BLOK??Modules 100 Amperes/1200-1600 Volts
ME500810 POWEREX-ME500810 Datasheet
68Kb / 4P
Three-Phase Diode Bridge Modules (100 Amperes/800 Volts)
ME501206 POWEREX-ME501206 Datasheet
67Kb / 4P
Three-Phase Diode Bridge Modules (60 Amperes/1200-1600 Volts)
ME601215 POWEREX-ME601215 Datasheet
463Kb / 4P
Three-Phase Diode Bridge Modules (150 Amperes/1200-1600 Volts)
ME701202 POWEREX-ME701202 Datasheet
75Kb / 4P
Three-Phase Diode Bridge Modules (20 Amperes/1200-1600 Volts)
ME701203 POWEREX-ME701203 Datasheet
76Kb / 4P
Three-Phase Diode Bridge Modules (30 Amperes/1200-1600 Volts)
RM10TN-2H POWEREX-RM10TN-2H Datasheet
34Kb / 2P
Three Phase Diode Bridge Module (7 Amperes/1600 Volts)
RM20TPM-24 POWEREX-RM20TPM-24 Datasheet
59Kb / 2P
Three-Phase Diode Bridge Modules (40 Amperes/1200-1600 Volts)
RM25TN-2H POWEREX-RM25TN-2H Datasheet
34Kb / 2P
Three-Phase Diode Bridge Module (15 Amperes/1600 Volts)
RM75TPM-H POWEREX-RM75TPM-H Datasheet
46Kb / 2P
Three-Phase Diode Bridge Module (150 Amperes / 800-1600 Volts)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com