Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS431650 Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # LS431650
Description  POW-R-BLOK Single SCR Isolated Module (500 Amperes / Up to 1600 Volts)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

LS431650 Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  LS431650 Datasheet HTML 1Page - Powerex Power Semiconductors LS431650 Datasheet HTML 2Page - Powerex Power Semiconductors LS431650 Datasheet HTML 3Page - Powerex Power Semiconductors LS431650 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK
TM
Single SCR Isolated Module
500 Amperes / Up to 1600 Volts
Revision Date: 4/19/2002
LS43__50
Ordering Information
:
Select the complete eight-digit
module part number from the table
below.
Example: LS431650 is a 1600 Volt,
500 Ampere Single SCR Isolated
POW-R-BLOK
TM Module
Type
Voltage
Volts
(x100)
Current
Amperes
(x10)
LS43
08
10
12
14
16
50
LS43__50
Single SCR
POW-R-BLOK
TM
Module
600 Amperes / Up to 1600 Volts
LS43 Outline Dimensions
Dimension
Inches
Millimeters
A
3.15
80.0
B
1.50
38.0
C
2.05
52.1
D
3.62
92.0
E
1.97
50.0
F
0.39
9.9
G
0.24
6.1
H
0.79
20.1
J
0.99
25.1
K
0.48
12.2
L
0.12
3.1
M
1.45
36.8
N
1.76
44.7
P
M10 Metric
M10
Q
0.22 Dia.
5.6 Dia.
R
0.99
25.1
S
0.110 x .032
2.5 x 0.8
Note: Dimensions are for reference only.
Description:
Powerex Single SCR Modules are
designed for use in applications
requiring rectification and isolated
packaging. The modules are isolated
for easy mounting with other
components on a common heatsink.
POW-R-BLOK
TM has been tested and
recognized by the Underwriters
Laboratories.
Features:
T Electrically Isolated Heatsinking
T Aluminum Nitride Insulator
T Compression Bonded Elements
T Metal Baseplate
T Low Thermal Impedance
for Improved Current Capability
T Quick Connect Gate Terminal
with Provision for Keyed Mating
Plug
T UL Recognized
Benefits:
T No Additional Insulation
Components Required
T Easy Installation
T No Clamping Components
Required
T Reduce Engineering Time
Applications:
T Bridge Circuits
T AC & DC Motor Drives
T Battery Supplies
T Power Supplies
T Large IGBT Circuit Front Ends
A
B
M
N
H
D
G
E
J
K
C
L
F
R
"Q"
"P"
"S"
OUTLINE DRAWING
KA
CONNECTION DIAGRAM
K
K
G
A


Similar Part No. - LS431650

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
LS431650 POWEREX-LS431650 Datasheet
173Kb / 4P
Single SCR Isolated Module
More results

Similar Description - LS431650

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CD4340 POWEREX-CD4340 Datasheet
102Kb / 4P
POW-R-BLOK Dual SCR Isolated Module 40 Amperes / Up to 1600 Volts
CD4340A POWEREX-CD4340A Datasheet
100Kb / 4P
POW-R-BLOK Dual SCR Isolated Module 40 Amperes / Up to 1600 Volts
CD4360 POWEREX-CD4360 Datasheet
102Kb / 4P
POW-R-BLOK Dual SCR Isolated Module 60 Amperes / Up to 1600 Volts
CD4360A POWEREX-CD4360A Datasheet
100Kb / 4P
POW-R-BLOK Dual SCR Isolated Module 60 Amperes / Up to 1600 Volts
CD4390 POWEREX-CD4390 Datasheet
103Kb / 4P
POW-R-BLOK Dual SCR Isolated Module 90 Amperes / Up to 1600 Volts
CD4390A POWEREX-CD4390A Datasheet
101Kb / 4P
POW-R-BLOK Dual SCR Isolated Module 90 Amperes / Up to 1600 Volts
LD4250 POWEREX-LD4250 Datasheet
102Kb / 5P
POW-R-BLOK Dual SCR/Diode Isolated Module (500 Amperes / Up to 1600 Volts)
LD4350 POWEREX-LD4350 Datasheet
103Kb / 5P
POW-R-BLOK Dual SCR Isolated Module (500 Amperes / Up to 1600 Volts)
LD4750 POWEREX-LD4750 Datasheet
102Kb / 5P
POW-R-BLOK Dual SCR/Diode Isolated Module (500 Amperes / Up to 1600 Volts)
ND4325 POWEREX-ND4325 Datasheet
107Kb / 5P
POW-R-BLOK Dual SCR Isolated Module (250 Amperes / Up to 1600 Volts)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com