Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ME700802 Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # ME700802
Description  Three-Phase Diode Bridge Modules (20 Amperes/800 Volts)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

ME700802 Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  ME700802 Datasheet HTML 1Page - Powerex Power Semiconductors ME700802 Datasheet HTML 2Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
D-52
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
ME700802
Three-Phase Diode Bridge Modules
20 Amperes/800 Volts
Absolute Maximum Ratings
Characteristics
Symbol
ME700802
Units
Peak Reverse Blocking Voltage
VRRM
800
Volts
Transient Peak Reverse Blocking Voltage (Non-Repetitive), t < 5ms
VRSM
900
Volts
DC Reverse Blocking Voltage
VR(DC)
640
Volts
DC Output Current, TC = 107°C
IO
20
Amperes
Peak One-Cycle Surge (Non-Repetitive) On-State Current (60Hz)
IFSM
350
Amperes
Peak One-Cycle Surge (Non-Repetitive) On-State Current (50Hz)
IFSM
320
Amperes
I2t (for Fusing), 8.3 milliseconds
I2t
510
A2sec
Storage Temperature
TSTG
-40 to 125
°C
Operating Temperature
Tj
-40 to 150
°C
Maximum Mounting Torque M6 Mounting Screw
26
in.-lb.
Module Weight (Typical)
117
Grams
V Isolation
VRMS
2000
Volts
Electrical and Thermal Characteristics, Tj = 25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
ME700802
Units
Blocking State Maximums
Reverse Leakage Current, Peak
IRRM
Tj = 150°C, VRRM = Rated
1.5
mA
Conducting State Maximums
Peak On-State Voltage
VFM
IFM = 20A
1.07
Volts
Thermal Maximums
Thermal Resistance, Junction-to-Case
R (J-C)
Per Module
1.0
°C/Watt
Thermal Resistance, Case-to-Sink (Lubricated)
R (C-S)
Per Module
0.1
°C/Watt
INSTANTANEOUS ON-STATE CURRENT, IFM,
(AMPERES)
MAXIMUM
ON-STATE CHARACTERISTICS
0.7
100
0.8
0.9
1.0
1.1
1.2
101
102
Tj = 25
oC
DC OUTPUT CURRENT, IO, (AMPERES)
MAXIMUM
ALLOWABLE CASE TEMPERATURE
60
0
80
100
120
140
160
5
10152025
010
50
20
30
40
0
20
40
60
80
100
DC OUTPUT CURRENT, IO, (AMPERES)
MAXIMUM
ON-STATE POWER DISSIPATION



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com