Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP3213 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP3213
Description  a super small-outline photorelay, suitable for surface-mount assembly
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3213 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP3213 Datasheet HTML 1Page - Toshiba Semiconductor TLP3213 Datasheet HTML 2Page - Toshiba Semiconductor TLP3213 Datasheet HTML 3Page - Toshiba Semiconductor TLP3213 Datasheet HTML 4Page - Toshiba Semiconductor TLP3213 Datasheet HTML 5Page - Toshiba Semiconductor TLP3213 Datasheet HTML 6Page - Toshiba Semiconductor TLP3213 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TLP3213
2007-10-01
1
TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP3213
MEASUREMENT INSTRUMENTS
LOGIC IC TESTERS / MEMORY TESTERS
BOARD TESTERS / SCANNERS
The TOSHIBA TLP3213 is a super small-outline photorelay, suitable for
surface-mount assembly. The TLP3213 consists of a GaAs
infrared-emitting diode optically coupled to a photo-MOS FET and
housed in a 4-pin package.
Its characteristics include low OFF-state current and low output pin
capacitance, enabling it to be used in high-frequency measuring
instruments.
Features
• 4 pin SSOP (SSOP4)
: 1.8 mm high, 1.27 mm pitch
• 1-Form-A
• Peak Off-State Voltage
: 40 V (MIN.)
• Trigger LED Current
: 4 mA (MAX.)
• On-State Current
: 80 mA (MAX.)
• On-State Resistance
: 35Ω(MAX.), 25Ω(TYP.)
• Output Capacitance
: 1.4 pF (MAX.), 0.6 pF (TYP.)
• Isolation Voltage
: 1500 Vrms (MIN.)
Pin Configuration (top view)
1 : ANODE
2 : CATHODE
3 : DRAIN
4 : DRAIN
1
2
4
3
Unit: mm
4.2
①
②
④
③
3.5
0.2
0.2
3.8
0.3
φ
1.4
0.46±0.2
2.04
1.27
1.7
JEDEC
JEITA
TOSHIBA
11-2A1
Weight: 0.03 g


Similar Part No. - TLP3213

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3213 TOSHIBA-TLP3213 Datasheet
184Kb / 7P
PHOTOCOUPLER PHOTO RELAY
TLP3213 TOSHIBA-TLP3213_08 Datasheet
184Kb / 7P
PHOTOCOUPLER PHOTO RELAY
More results

Similar Description - TLP3213

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL205AT SIEMENS-IL205AT Datasheet
87Kb / 3P
PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
IL211AT SIEMENS-IL211AT Datasheet
44Kb / 3P
PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
IL215A SIEMENS-IL215A Datasheet
70Kb / 3P
PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
IL221A SIEMENS-IL221A Datasheet
53Kb / 3P
PHOTODARLINGTON SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
IL221AT SIEMENS-IL221AT Datasheet
54Kb / 3P
PHOTODARLINGTON SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
logo
Fairchild Semiconductor
MOC215 FAIRCHILD-MOC215 Datasheet
495Kb / 9P
SMALL OUTLINE SURFACE MOUNT PHOTOTRANSISTOR OPTOCOUPLERS
MOC215-M FAIRCHILD-MOC215-M Datasheet
492Kb / 9P
SMALL OUTLINE SURFACE MOUNT PHOTOTRANSISTOR OPTOCOUPLERS
logo
Toshiba Semiconductor
TLP3904 TOSHIBA-TLP3904 Datasheet
241Kb / 7P
a small outline coupler, suitable for surface mount assembly
logo
Samsung semiconductor
RC1608F332CS SAMSUNG-RC1608F332CS Datasheet
791Kb / 2P
Suitable size and packaging for surface mount assembly
logo
ISOCOM COMPONENTS
MOCD207 ISOCOM-MOCD207 Datasheet
63Kb / 2P
Super Small Outline
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com