Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLH01 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # CLH01
Description  Switching Mode Power Supply Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CLH01 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  CLH01 Datasheet HTML 1Page - Toshiba Semiconductor CLH01 Datasheet HTML 2Page - Toshiba Semiconductor CLH01 Datasheet HTML 3Page - Toshiba Semiconductor CLH01 Datasheet HTML 4Page - Toshiba Semiconductor CLH01 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CLH01
2006-11-08
2
Marking
Abbreviation Code
Part No.
H01
CLH01
Standard Soldering Pad
Handling Precautions
1)
The absolute maximum rating denotes the absolute maximum ratings, which are rated values that must not
be exceeded during operation, even for an instant. The following are the general derating methods that we
recommend for designing a circuit incorporating this device:
VRRM: Use this rating with reference to (1) above. The VRRM has a temperature coefficient of 0.1%/°C.
Take this temperature coefficient into account when designing a device at low temperature.
IF (AV): We recommend that the worst case current be no greater than 80% of the absolute maximum
rating of IF(AV) and that Tj be below 120°C.When using this device, take the margin into
consideration by using an allowable Ta (max)-IF (AV) curve.
IFSM:
This rating specifies the non-repetitive peak current. This applies to abnormal operation only. When using
a device, design a circuit board and a soldering land size to match the appropriate thermal
resistance value.
IFSM:
This rating specifies the non-repetitive peak current. This applies to abnormal operation only, When using
the device, design the circuit board and the soldering land size to match the appropriate thermal
resistance value.
Tj:
Derate this rating when using the device to ensure high reliability. We recommend that the device be
used at a Tj of below 120°C.
2)
The thermal resistance between junction and ambient varies depending on the mounting condition of the
device. When using the device, design the circuit board and the soldering land size to match the appropriate
thermal resistance value.
3)See the Rectifiers databook for further information information.
Unit: mm
2.6
1.8
4.8
5.9



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com