Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLH02 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # CLH02
Description  Switching Mode Power Supply Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CLH02 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  CLH02 Datasheet HTML 1Page - Toshiba Semiconductor CLH02 Datasheet HTML 2Page - Toshiba Semiconductor CLH02 Datasheet HTML 3Page - Toshiba Semiconductor CLH02 Datasheet HTML 4Page - Toshiba Semiconductor CLH02 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CLH02
2006-11-08
1
TOSHIBA High-Efficiency Rectifier Silicon Epitaxial Type
CLH02
○
Switching Mode Power Supply Applications
• Forward voltage: VFM = 1.3 V (Max.)
• Average forward current: IF (AV) = 3 A
• Repetitive peak reverse voltage: VRRM = 300 V
• Surface-mount package
L−FLAT” (Toshiba package name)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Repetitive peak reverse voltage
VRRM
300
V
Average forward current
IF(AV)
3 (Note 1)
A
Peak one cycle surge forward current
(non-repetitive)
IFSM
50 (50 Hz)
A
Junction temperature
Tj
−40~150
°C
Storage temperature range
Tstg
−40~150
°C
Note 1: Tℓ
= 125°C
Rectangular waveform : (
α = 180°)
Note 2: Using continuously under heavy loads (e.g. the application of
high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
VFM (1)
IFM =0.7 A (pulse test)
⎯
0.85
⎯
VFM (2)
IFM = 1.0A (pulse test)
⎯
0.89
⎯
V
Peak forward voltage
VFM (3)
IFM = 3.0 A (pulse test)
⎯
1.05
1.3
Repetitive peak reverse current
IRRM
VRRM = 300 V (pulse test)
⎯
⎯
10
μA
Reverse recovery time
trr
IF = 2A, di/dt = − 50A/μs
⎯
⎯
35
ns
Forward recovery time
tfr
IF = 1.0 A
⎯
⎯
100
ns
Themal resistance
(junction to ambient)
Rth (j-a)
Device mounted on a glass-epoxy
board (board size:50mm x 50mm)
(board thickness:1.6t)
(soldering land)
Cathode:5.7mm x 6.2mm
Anode :4.5mm x 3.4mm
⎯
⎯
100
°C/W
Themal resistance
(junction to lead)
Rth (j-ℓ)
⎯
⎯
⎯
5
°C/W
Unit: mm
①
②
① アノード
② カソード
②
CATHODE
①
ANODE
JEDEC
⎯
JEITA
⎯
TOSHIBA
3-4F1A
Weight: 0.15 g (typ.)


Similar Part No. - CLH02

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CLH01 TOSHIBA-CLH01 Datasheet
202Kb / 5P
Switching Mode Power Supply Applications
CLH05 TOSHIBA-CLH05 Datasheet
204Kb / 5P
Switching Mode Power Supply Applications
logo
List of Unclassifed Man...
CLH0603-F ETC2-CLH0603-F Datasheet
1Mb / 25P
SMD Ceramic Multilayer Chip Inductors
logo
Toshiba Semiconductor
CLH07 TOSHIBA-CLH07 Datasheet
201Kb / 5P
Switching Mode Power Supply Applications
More results

Similar Description - CLH02

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
20JL2C41 TOSHIBA-20JL2C41_06 Datasheet
249Kb / 4P
SWITCHING MODE POWER SUPPLY APPLICATIONS
CLH07 TOSHIBA-CLH07 Datasheet
201Kb / 5P
Switching Mode Power Supply Applications
CMF02 TOSHIBA-CMF02 Datasheet
165Kb / 4P
Switching Mode Power Supply Applications
CMF04 TOSHIBA-CMF04 Datasheet
170Kb / 4P
Switching Mode Power Supply Applications
CMH02 TOSHIBA-CMH02 Datasheet
185Kb / 5P
Switching Mode Power Supply Applications
CMH05A TOSHIBA-CMH05A Datasheet
174Kb / 5P
Switching Mode Power Supply Applications
CMH08A TOSHIBA-CMH08A Datasheet
186Kb / 5P
Switching Mode Power Supply Applications
CMS02 TOSHIBA-CMS02 Datasheet
150Kb / 5P
Switching Mode Power Supply Applications
CMS14 TOSHIBA-CMS14_06 Datasheet
143Kb / 5P
Switching Mode Power Supply Applications
CRS12 TOSHIBA-CRS12_06 Datasheet
148Kb / 5P
Switching Mode Power Supply Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com