Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMC01 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # CMC01
Description  SILICON DIFFUSED TYPE For Strobe Discharge Circuit
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CMC01 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  CMC01 Datasheet HTML 1Page - Toshiba Semiconductor CMC01 Datasheet HTML 2Page - Toshiba Semiconductor CMC01 Datasheet HTML 3Page - Toshiba Semiconductor CMC01 Datasheet HTML 4Page - Toshiba Semiconductor CMC01 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CMC01
2006-11-06
3
Handling Precaution
The absolute maximum ratings denote the absolute maximum ratings, which are rated values and must not be
exceeded during operation, even for an instant. The following are the general derating methods that we recommend
when you design a circuit with a device.
VRRM: We recommend that the worst case voltage, including surge voltage, be no greater than 80% of the absolute
maximum rating of VRRM for a DC circuit and be no greater than 50% of that of VRRM for an AC circuit.
VRRM has a temperature coefficient of 0.1%/℃. Take this temperature coefficient into account designing a
device at low temperature.
IF(AV): We recommend that the worst case current be no greater than 80% of the absolute maximum rating of IF(AV).
Carry out adequate heat design. If you can’t design a circuit with excellent heat radiation, please set the
margin by using an allowable Tamax-IF (AV) curve.
This rating is only applied for a strobe flash circuit. We recommend that the worst case current be controlled less
than the absolute maximum rating of IFRM. The total number of repetitive currents must be less than 5000 times
within the lifespan of the device.
This rating specifies the non-repetitive peak current in one cycle of a 50-Hz sine wave, condition angle 180.
Therefore, this is only applied for an abnormal operation, which seldom occurs during the lifespan of the device.
We recommend that a device be used at a Tj of below 120℃ under the worst load and heat radiation conditions.
Thermal resistance between junction and ambient fluctuates depending on the device’s mounting condition. When
using a device, design a circuit board and a soldering land size to match the appropriate thermal resistance value.
Please refer to the Rectifiers databook for further information.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com