Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAF1004L Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HAF1004L
Description  Silicon P Channel MOS FET Series Power Switching
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAF1004L Datasheet(HTML) 4 Page - Renesas Technology Corp

  HAF1004L Datasheet HTML 1Page - Renesas Technology Corp HAF1004L Datasheet HTML 2Page - Renesas Technology Corp HAF1004L Datasheet HTML 3Page - Renesas Technology Corp HAF1004L Datasheet HTML 4Page - Renesas Technology Corp HAF1004L Datasheet HTML 5Page - Renesas Technology Corp HAF1004L Datasheet HTML 6Page - Renesas Technology Corp HAF1004L Datasheet HTML 7Page - Renesas Technology Corp HAF1004L Datasheet HTML 8Page - Renesas Technology Corp HAF1004L Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
HAF1004(L), HAF1004(S)
Rev.5.00, Apr.29.2003, page 4 of 10
Main Characteristics
Case Temperature Tc (
°C)
Power vs. Temperature Derating
–100
–20
–50
–10
–2
–5
–1
–0.5
–0.3
–0.5 –1
–2
–5
–10 –20
–50 –100
Drain Source Voltage VDS (V)
Maximum Safe Operation Area
–10
–8
–6
–4
–2
0
–2
–4
–6
–8
–10
–10 V
V
= –3.5 V
GS
Drain to Source Voltage VDS (V)
Typical Output Characteristics
0–1
–2
–3
–4
–5
25
°C
Tc = 75
°C
Tc = 75
°C
25
°C
–25
°C
–25
°C
Gate to Source Voltage VGS (V)
Typical Transfer Characteristics
100
µs
DC
Operation
(Tc
=
25
°C)
Ta = 25
°C
Operation in this area
is limited by RDS(on)
Thermal shut down
Operation area
–5
–4
–3
–2
–1
–8 V
–6 V
–4 V
Pulse Test
V
= –10 V
DS
Pulse Test
40
30
20
10
0
50
100
150
200



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com