Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCF4097BM1 Datasheet(PDF) 6 Page - STMicroelectronics

Part # HCF4097BM1
Description  ANALOG DIFFERENTIAL 8 CHANNEL MULTIPLEXER/DEMULTIPLEXER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4097BM1 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button HCF4097BM1 Datasheet HTML 2Page - STMicroelectronics HCF4097BM1 Datasheet HTML 3Page - STMicroelectronics HCF4097BM1 Datasheet HTML 4Page - STMicroelectronics HCF4097BM1 Datasheet HTML 5Page - STMicroelectronics HCF4097BM1 Datasheet HTML 6Page - STMicroelectronics HCF4097BM1 Datasheet HTML 7Page - STMicroelectronics HCF4097BM1 Datasheet HTML 8Page - STMicroelectronics HCF4097BM1 Datasheet HTML 9Page - STMicroelectronics HCF4097BM1 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
HCF4097B
6/10
DYNAMIC ELECTRICAL CHARACTERISTICS (Tamb = 25°C, CL = 50pF, RL = 200KΩ, tr = tf = 20 ns)
(*) Typical temperature coefficient for all VDD value is 0.3 %/°C
(**) : Both Ends of Channel
(•) : Peak to Peak voltage symmetrical about (VDD - VSS) / 2
Symbol
Parameter
Test Condition
Value*
Unit
VC
(V)
RL
(K
Ω)
fI
(KHz)
VI
(V)
VSS
(V)
VDD
(V)
Typ.
Max.
SWITCH
tpd
Propagation Delay
Time (Signal Input
to Output)
= VDD
200
0
530
60
ns
10
15
30
15
11
20
Frequency
Response Channel
"ON" (Sine Wave
Input) at
VO
20 Log –––– = -3dB
VI
= VDD
15 (•)0
10
VO at Common
Out/In
20
ns
VO at Any Chan-
nel
60
Feedthrough (All
channels OFF) at
VO
20 Log ––– =-40dB
VI
= VSS
15 (•)0
10
VO at Common
Out/In
12
MHz
VO at Any Chan-
nel
8
Frequency Signal
Crosstalk at
VO(A)
20 Log ––– =-40dB
VI(B)
VC(A)
=VDD
VC(B)
=VSS
15 (•)0
10
Between Any two
(A and B)
Channels
1MHz
Between Sec-
tions (A and B)
Measured on
Common
10
Between Sec-
tions (A and B)
Measured on any
Channel
18
tW
Sine Wave
Distortion (fIS =
1KHz sine wave)
5
10
1
2 (•)
0
50.3
%
10
3 (•)10
0.2
15
5 (•)
15
0.12
CONTROL(Address or Inhibit)
tPLH, tPHL Propagation Delay
Time:Address or
Inhibit to Signal
OUT (Channel
Turning ON)
10
5
325
650
ns
10
135
270
15
95
190
tPLH, tPHL Propagation Delay
Time:Address or
Inhibit to Signal
OUT (Channel
Turning OFF)
0.3
0
5
220
440
ns
10
90
180
15
65
130
Address or Inhibit to
Signal Crosstalk
10**
0
10
75
mV
peak



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com