Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48Z35AV Datasheet(PDF) 23 Page - STMicroelectronics

Part # M48Z35AV
Description  5.0V or 3.3V, 256Kbit (32Kbit x 8) ZEROPOWER® SRAM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z35AV Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M48Z35AV Datasheet HTML 16Page - STMicroelectronics M48Z35AV Datasheet HTML 17Page - STMicroelectronics M48Z35AV Datasheet HTML 18Page - STMicroelectronics M48Z35AV Datasheet HTML 19Page - STMicroelectronics M48Z35AV Datasheet HTML 20Page - STMicroelectronics M48Z35AV Datasheet HTML 21Page - STMicroelectronics M48Z35AV Datasheet HTML 22Page - STMicroelectronics M48Z35AV Datasheet HTML 23Page - STMicroelectronics M48Z35AV Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
M48Z35AV
Revision history
23/24
7
Revision history
Table 17.
Document revision history
Date
Revision
Changes
Sep-1999
1.0
First Issue
20-Apr-2000
1.1
SH and SH28 packages for 2-pin and 2-socket removed
22-Jun-2001
2.0
Reformatted; added temperature information (Table 7, 8, 3, 4, 9, 10)
05-Jul-2001
2.1
Removed reference to “Crystal” in Features Summary
17-Dec-2001
2.2
Changed speed grade designator to “–10” (Table 15)
29-May-2002
2.3
Modified reflow time and temperature footnotes (Table 5)
03-Oct-2002
2.4
Update VCC for Supply Voltage (Table 5)
07-Nov-2002
2.5
Update Absolute Maximum Ratings (Table 5)
02-Apr-2003
3.0
v2.2 template applied; test condition updated (Table 10)
24-Mar-2004
4.0
Reformatted; updated Lead-free information (Table 5, 15)
09-Jun-2005
5
Removal of SNAPHAT, Industrial temperature sales types (Table 3, 4, 5,
6, 8, 9, 10, 15)
05-Nov-2007
6
Reformatted document; added lead-free second level interconnect
information to cover page and Section 5: Package mechanical data;
removed M48Z35AY and references throughout document; updated
Table 2, 3, 4, 5, 6, 8, 9, 15 and 16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com