Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMS17 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # CMS17
Description  Switching Mode Power Supply Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CMS17 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  CMS17 Datasheet HTML 1Page - Toshiba Semiconductor CMS17 Datasheet HTML 2Page - Toshiba Semiconductor CMS17 Datasheet HTML 3Page - Toshiba Semiconductor CMS17 Datasheet HTML 4Page - Toshiba Semiconductor CMS17 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CMS17
2006-11-13
4
Number of cycles
Surge forward current
(nonrepetitive)
Reverse voltage VR (V)
C j – VR
(typ.)
Junction temperature Tj
(°C)
Reverse voltage VR (V)
PR (AV) – VR
(typ.)
0.1
8
0
16
12
24
20
28
0.2
0.3
0.4
0.5
0.6
0
4
0.7
0.8
DC
300°
240°
180°
120°
60°
IR – Tj
(typ.)
0
20
120
80
40
60
100
100
1
0.001
0.0001
0.01
10
140
Pulse test
VR = 30 V
20 V
10 V
5 V
3 V
0.1
160
40
30
20
10
0
10
1
3
30
100
5
50
Ta
= 25°C
f
= 50 Hz
30
1
100
1000
300
500
50
3
10
30
5
50
100
Ta
= 25°C
f
= 1 MHz
10
Rectangular
waveform
360°
0°
Conduction angle
α
Tj = 150°C
VR
α



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com