Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL431AIYDT Datasheet(PDF) 20 Page - STMicroelectronics

Part # TL431AIYDT
Description  Automotive adjustable voltage reference
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL431AIYDT Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TL431AIYDT Datasheet HTML 14Page - STMicroelectronics TL431AIYDT Datasheet HTML 15Page - STMicroelectronics TL431AIYDT Datasheet HTML 16Page - STMicroelectronics TL431AIYDT Datasheet HTML 17Page - STMicroelectronics TL431AIYDT Datasheet HTML 18Page - STMicroelectronics TL431AIYDT Datasheet HTML 19Page - STMicroelectronics TL431AIYDT Datasheet HTML 20Page - STMicroelectronics TL431AIYDT Datasheet HTML 21Page - STMicroelectronics TL431AIYDT Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
Ordering information
TL431, TL432
20/22
DocID4467 Rev 17
TL431IYD(1)
TL431IYDT(1)
2
-40 °C to +125 °C
SO-8
(Automotive
grade level)
Tube or
tape and reel
431IY
TL431AIYD(1)
TL431AIYDT(1)
1
431AIY
1. Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC
Q001 and Q 002 or equivalent.
Table 13. Order codes (continued)
Order code
Accuracy (%)
Temperature range
Package
Packing
Marking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com