Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP90626257 Datasheet(PDF) 2 Page - Same Sky Devices

Part # CP90626257
Description  PELTIER MODULE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMESKY [Same Sky Devices]
Direct Link  https://www.sameskydevices.com/
Logo SAMESKY - Same Sky Devices

CP90626257 Datasheet(HTML) 2 Page - Same Sky Devices

  CP90626257 Datasheet HTML 1Page - Same Sky Devices CP90626257 Datasheet HTML 2Page - Same Sky Devices CP90626257 Datasheet HTML 3Page - Same Sky Devices CP90626257 Datasheet HTML 4Page - Same Sky Devices CP90626257 Datasheet HTML 5Page - Same Sky Devices CP90626257 Datasheet HTML 6Page - Same Sky Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SAME SKY | SERIES: CP90H | DESCRIPTION: PELTIER MODULE
date 09/12/2024 | page 2 of 6
sameskydevices.com
COLD SIDE
HOT SIDE
0.05
0.05
THICKNESS
COLD SIDE
Black (-)
Red (+)
WIDTH
LENGTH
100.0 5.0
10.0 3.0
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
solder melting temperature
connection between thermoelectric pairs
235
°C
assembly compression
1
MPa
RoHS
yes
MECHANICAL DRAWING
units: mm
MATERIAL
PLATING
ceramic plate
96% AL
2O3
wire leads
(CP90626257)
18 AWG
tin
wire leads (all other
models)
20 AWG
tin
sealer
silicon rubber 703 RTV (between cold and
hot side plates)
joint cover
silicon rubber 703 RTV
marking
P/N & S/N printed on cold side surface
MODEL NO.
LENGTH
(mm)
WIDTH
(mm)
THICKNESS
(mm)
CP902015343H
20 ±0.3
15 ±0.3
3.43 ±0.03
CP9040335H
40 ±0.3
40 ±0.3
3.35 ±0.025
CP90626257
62 ±0.3
62 ±0.3
5.7 ±0.05
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com