| Electronic Components Datasheet Search |
|
STR751FR2 Datasheet(PDF) 77 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STR751FR2 Datasheet(HTML) 77 Page - STMicroelectronics |
|
77 / 84 page ![]() STR750Fxx STR751Fxx STR752Fxx STR755Fxx Package characteristics 77/84 Figure 46. 100-pin low profile flat package (14x14) Figure 47. 64-ball low profile fine pitch ball grid array package Dim. mm inches(1) 1. Values in inches are converted from mm and rounded to 4 decimal digits. Min Typ Max Min Typ Max A 1.60 0.0630 A1 0.05 0.15 0.0020 0.0059 A2 1.35 1.40 1.45 0.0531 0.0551 0.0571 b 0.17 0.22 0.27 0.0067 0.0087 0.0106 C 0.09 0.20 0.0035 0.0079 D 16.00 0.6299 D1 14.00 0.5512 E 16.00 0.6299 E1 14.00 0.5512 e 0.50 0.0197 θ 0° 3.5° 7° 0° 3.5° 7° L 0.45 0.60 0.75 0.0177 0.0236 0.0295 L1 1.00 0.0394 Number of Pins N 100 θ c L L1 e b A A2 A1 D D1 E E1 Dim. mm inches(1) 1. Values in inches are converted from mm and rounded to 4 decimal digits. Min Typ Max Min Typ Max A 1.210 1.700 0.0476 0.0669 A1 0.270 0.0106 A2 1.120 0.0441 b 0.450 0.500 0.550 0.0177 0.0197 0.0217 D 7.750 8.000 8.150 0.3051 0.3150 0.3209 D1 5.600 0.2205 E 7.750 8.000 8.150 0.3051 0.3150 0.3209 E1 5.600 0.2205 e 0.720 0.800 0.880 0.0283 0.0315 0.0346 f 1.050 1.200 1.350 0.0413 0.0472 0.0531 ddd 0.120 0.0047 Number of Pins N 64 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |