Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7SH08FS Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC7SH08FS
Description  2-INPUT AND GATE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SH08FS Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC7SH08FS Datasheet HTML 1Page - Toshiba Semiconductor TC7SH08FS Datasheet HTML 2Page - Toshiba Semiconductor TC7SH08FS Datasheet HTML 3Page - Toshiba Semiconductor TC7SH08FS Datasheet HTML 4Page - Toshiba Semiconductor TC7SH08FS Datasheet HTML 5Page - Toshiba Semiconductor TC7SH08FS Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TC7SH08FS
Electrical Characteristics
DC Characteristics
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
Test
Circuit
Test Condition
VCC
(V)
Min
Typ.
Max
Min
Max
Unit
2.0
1.50
1.50
High-level input
voltage
VIH
3.0~
5.5
VCC ×
0.7
VCC ×
0.7
V
2.0
0.50
0.50
Low-level input
voltage
VIL
3.0~
5.5
VCC ×
0.3
VCC ×
0.3
V
2.0
1.9
2.0
1.9
3.0
2.9
3.0
2.9
IOH = −50 µA
4.5
4.4
4.5
4.4
IOH = −4 mA
3.0
2.58
2.48
High-level
output voltage
VOH
VIN = VIH
IOH = −8 mA
4.5
3.94
3.80
V
2.0
0.0
0.1
0.1
3.0
0.0
0.1
0.1
IOL = 50 µA
4.5
0.0
0.1
0.1
IOL = 4 mA
3.0
0.36
0.44
Low-level output
voltage
VOL
VIN = VIH
or VIL
IOL = 8 mA
4.5
0.36
0.44
V
Input leakage
current
IIN
VIN = 5.5 V or GND
0~
5.5
±0.1
±1.0
µA
Quiescent
supply current
ICC
VIN = VCC or GND
5.5
2.0
20.0
µA
2003-08-28
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com