| Electronic Components Datasheet Search |
|
STR751FR0T6 Datasheet(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STR751FR0T6 Datasheet(HTML) 5 Page - STMicroelectronics |
|
5 / 84 page ![]() STR750Fxx STR751Fxx STR752Fxx STR755Fxx Introduction 5/84 3 Introduction This Datasheet contains the description of the STR750F family features, pinout, Electrical Characteristics, Mechanical Data and Ordering information. For complete information on the Microcontroller memory, registers and peripherals. Please refer to the STR750F Reference Manual. For information on the ARM7TDMI-S core please refer to the ARM7TDMI-S Technical Reference Manual available from Arm Ltd. For information on programming, erasing and protection of the internal Flash memory please refer to the STR7 Flash Programming Reference Manual For information on third-party development tools, please refer to the http://www.st.com/mcu website. 3.1 Functional description The STR750F family includes devices in 2 package sizes: 64-pin and 100-pin. Both types have the following common features: ARM7TDMI-STM core with embedded Flash & RAM STR750F family has an embedded ARM core and is therefore compatible with all ARM tools and software. It combines the high performance ARM7TDMI-STM CPU with an extensive range of peripheral functions and enhanced I/O capabilities. All devices have on-chip high- speed single voltage FLASH memory and high-speed RAM. Figure 1 shows the general block diagram of the device family. Embedded Flash memory Up to 256 KBytes of embedded Flash is available in Bank 0 for storing programs and data. An additional Bank 1 provides 16 Kbytes of RWW (Read While Write) memory allowing it to be erased/programmed on-the-fly. This partitioning feature is ideal for storing application parameters. ● When configured in burst mode, access to Flash memory is performed at CPU clock speed with 0 wait states for sequential accesses and 1 wait state for random access (maximum 60 MHz). ● When not configured in burst mode, access to Flash memory is performed at CPU clock speed with 0 wait states (maximum 32 MHz) Embedded SRAM 16 Kbytes of embedded SRAM accessed (read/write) at CPU clock speed with 0 wait states. Enhanced interrupt controller (EIC) In addition to the standard ARM interrupt controller, the STR750F embeds a nested interrupt controller able to handle up to 32 vectors and 16 priority levels. This additional hardware block provides flexible interrupt management features with minimal interrupt latency. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |